Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4896-2ACPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4896-2ACPZ-R2
Description  1 nV/?숰z, Low Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4896-2ACPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADA4896-2ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4896-2ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4896-2ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4896-2ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4896-2ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4896-2ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4896-2ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4896-2ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4896-2ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
ADA4896-2/ADA4897-1/ADA4897-2
Rev.
| Page 5 of 28
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Resistance
Common-Mode
10
MΩ
Differential
10
kΩ
Input Capacitance
Common-Mode
3
pF
Differential
11
pF
Input Common-Mode Voltage Range
0.1 to 4.1
V
Common-Mode Rejection Ratio
(CMRR)
VCM = 1 V to 4 V
−91
−118
dB
OUTPUT CHARACTERISTICS
Output Overdrive Recovery Time
VIN = 0 V to 5 V, G = +2
96
ns
Output Voltage Swing
Positive
RL = 1 kΩ
4.85
4.98
V
RL = 100 Ω
4.8
4.88
V
Negative
RL = 1 kΩ
0.15
0.014
V
RL = 100 Ω
0.2
0.08
V
Output Current
SFDR = −45 dBc
70
mA
Short-Circuit Current
Sinking/sourcing
125
mA
Capacitive Load Drive
30% overshoot, G = +2
39
pF
POWER SUPPLY
Operating Range
3 to 10
V
Quiescent Current per Amplifier
2.6
2.8
2.9
mA
DISABLE = 0 V
0.05
0.18
mA
Power Supply Rejection Ratio (PSRR)
Positive
+VS = 4.5 V to 5.5 V, −VS = 0 V
−96
−123
dB
Negative
+VS = 5 V, −VS = −0.5 V to +0.5 V
−96
−121
dB
DISABLE PIN (
/
)
ADA4897-1 ADA4897-2
DISABLE Voltage
Enabled
>+VS − 0.5
V
Disabled
<+VS − 2
V
Input Current
Enabled
DISABLE = +5 V
−1.2
μA
Disabled
DISABLE = 0 V
−20
μA
Switching Speed
Enabled
0.25
μs
Disabled
12
μs
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com