Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4896-2ACPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4896-2ACPZ-R2
Description  1 nV/?숰z, Low Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4896-2ACPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4896-2ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4896-2ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4896-2ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4896-2ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4896-2ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4896-2ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4896-2ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4896-2ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4896-2ACPZ-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADA4896-2/ADA4897-1/ADA4897-2
Data Sheet
Rev.
| Page 20 of 28
APPLICATIONS INFORMATION
TYPICAL PERFORMANCE VALUES
To reduce design time and eliminate uncertainty, Table 13
provides a reference for typical gains, component values, and
performance parameters. The supply voltage used is 5 V. The band-
width is obtained with a small signal output of 200 mV p-p, and
the slew rate is obtained with a 2 V output step.
Note that as the gain increases, the small signal bandwidth
decreases, as is expected from the gain bandwidth product
relationship. In addition, the phase margin improves with
higher gains, and the amplifier becomes more stable. As a
result, the peaking in the frequency response is reduced
(see Figure 51).
2
FREQUENCY (MHz)
0.1
1
10
100
500
1
0
–1
–2
–3
–4
–5
–6
VS = +5V
VOUT = 200mV p-p
RF = 249Ω
RL = 1kΩ
G = +20
G = +10
G = +5
G = +2
G = +1
Figure 51. Small Signal Frequency Response at Various Gains
Table 13. Recommended Values and Typical Performance
Gain
RF (Ω)
RG (Ω)
−3 dB BW (MHz)
Slew Rate, tR/tF (V/μs)
Peaking (dB)
Total Output Noise Including
Resistors (nV/√Hz)
+1
0
N/A
92
78/158
0.8
1.0
+2
249
249
54
101/140
1.2
3.6
+5
249
61.9
30
119/137
0
6.8
+10
249
27.4
17
87/88
0
12.0
+20
249
13.0
9
37/37
0
21.1
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com