Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4896-2ACPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4896-2ACPZ-R2
Description  1 nV/?숰z, Low Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4896-2ACPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4896-2ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4896-2ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4896-2ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4896-2ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4896-2ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4896-2ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4896-2ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4896-2ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4896-2ACPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADA4896-2/ADA4897-1/ADA4897-2
Data Sheet
Rev.
| Page 14 of 28
–10
0
10
CL = 39pF
CL = 0pF
CL = 20pF
VS = ±5V
G = +2
TIME = 100ns/DIV
Figure 27. Small Signal Transient Response for Various Capacitive Loads
G = +1
G = +2
VS = ±5V
VOUT = 2V p-p
TIME = 100ns/DIV
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
Figure 28. Large Signal Transient Response, G = +1 and G = +2
–4
–3
–2
–1
0
1
2
3
4
VS = +5V
G = +1
TIME = 100ns/DIV
VOUT
VIN
Figure 29. Input Overdrive Recovery Time
–3
–2
–1
0
1
2
3
VS = +5V
G = +2
TIME = 100ns/DIV
2× VIN
VOUT
Figure 30. Output Overdrive Recovery Time
0
50
100
150
200
250
0
100
200
300
400
500
600
700
800
900
OVERLOAD DURATION (ns)
VS = +5V
G = +2
Figure 31. Average Output Overload Recovery Time vs. Overload Duration
80.0
82.5
85.0
87.5
90.0
92.5
95.0
97.5
100.0
102.5
105.0
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
VOUT = 3V p-p
VS = +5V
G = +2
RISING EDGE
FALLING EDGE
Figure 32. Slew Rate vs. Temperature
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com