Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9653 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9653
Description  Quad, 16-Bit, 125 MSPS, Serial LVDS 1.8 V
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9653 Datasheet(HTML) 4 Page - Analog Devices

  AD9653 Datasheet HTML 1Page - Analog Devices AD9653 Datasheet HTML 2Page - Analog Devices AD9653 Datasheet HTML 3Page - Analog Devices AD9653 Datasheet HTML 4Page - Analog Devices AD9653 Datasheet HTML 5Page - Analog Devices AD9653 Datasheet HTML 6Page - Analog Devices AD9653 Datasheet HTML 7Page - Analog Devices AD9653 Datasheet HTML 8Page - Analog Devices AD9653 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD9653
Data Sheet
Rev. 0 | Page 4 of 40
AVDD = 1.8 V, DRVDD = 1.8 V, 2.6 V p-p full-scale differential input at −1.0 dBFS; VREF = 1.3 V; 0°C to 85°C, DCS off, unless otherwise noted.
Table 2.
Parameter1
Temperature
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ACCURACY
No Missing Codes
25°C
Guaranteed
Offset Error
25°C
−0.3
% FSR
Offset Matching
25°C
+0.2
% FSR
Gain Error
25°C
−5
% FSR
Gain Matching
25°C
1.1
% FSR
Differential Nonlinearity (DNL)
25°C
±0.8
LSB
Integral Nonlinearity (INL)
25°C
±5.0
LSB
TEMPERATURE DRIFT
Offset Error
25°C
3.5
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage (1.3 V Programmable Mode)
25°C
1.3
V
Load Regulation at 1.0 mA (V
REF = 1.3 V)
25°C
6.5
mV
Input Resistance
25°C
7.5
kΩ
INPUT-REFERRED NOISE
V
REF = 1.3 V
25°C
2.1
LSB rms
ANALOG INPUTS
Differential Input Voltage (V
REF = 1.3 V)
25°C
2.6
V p-p
Common-Mode Voltage
25°C
0.9
V
Common-Mode Range
25°C
0.6
1.3
V
Differential Input Resistance
25°C
2.6
kΩ
Differential Input Capacitance
25°C
7
pF
POWER SUPPLY
AVDD
25°C
1.8
V
DRVDD
25°C
1.8
V
I
AVDD
2
25°C
314
mA
I
DRVDD (ANSI-644 Mode)
2
25°C
60
mA
I
DRVDD (Reduced Range Mode)
2
25°C
45
mA
TOTAL POWER CONSUMPTION
DC Input
25°C
614
mW
Sine Wave Input (Four Channels Including Output Drivers, ANSI-644 Mode)
25°C
673
mW
Sine Wave Input (Four Channels Including Output Drivers, Reduced Range Mode)
25°C
646
mW
Power-Down
25°C
2
mW
Standby3
25°C
371
mW
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2 Measured with a low input frequency, full-scale sine wave on all four channels.
3 Can be controlled via the SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com