Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9653 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9653
Description  Quad, 16-Bit, 125 MSPS, Serial LVDS 1.8 V
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9653 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9653 Datasheet HTML 15Page - Analog Devices AD9653 Datasheet HTML 16Page - Analog Devices AD9653 Datasheet HTML 17Page - Analog Devices AD9653 Datasheet HTML 18Page - Analog Devices AD9653 Datasheet HTML 19Page - Analog Devices AD9653 Datasheet HTML 20Page - Analog Devices AD9653 Datasheet HTML 21Page - Analog Devices AD9653 Datasheet HTML 22Page - Analog Devices AD9653 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Data Sheet
AD9653
Rev. 0 | Page 19 of 40
Figure 36. SNR/SFDR vs. Temperature, fIN = 9.7 MHz,
fSAMPLE = 125 MSPS, VREF = 1.3 V
Figure 37. INL, fIN = 9.7 MHz, fSAMPLE = 125 MSPS, VREF = 1.3 V
Figure 38. DNL, fIN = 9.7 MHz, fSAMPLE = 125 MSPS, VREF = 1.3 V
Figure 39. Input-Referred Noise Histogram, fSAMPLE = 125 MSPS, VREF = 1.3 V
Figure 40. PSRR vs. Frequency, fSAMPLE = 125 MSPS, VREF = 1.3 V
Figure 41. SNR/SFDR vs. Sample Rate, fIN = 9.7 MHz, VREF = 1.3 V
SNR (dBFS)
SFDR (dBc)
78
80
82
84
86
88
90
92
94
0
20
40
60
80
TEMPERATURE (°C)
OUTPUT CODE
–4.5
–3.0
–1.5
0
1.5
3.0
4.5
OUTPUT CODE
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.8
0.6
0
20000
40000
60000
80000
100000
120000
140000
160000
180000
200000
CODE
2.1 LSB RMS
0
10
20
30
40
50
60
70
80
90
100
1
10
70
FREQUENCY (MHz)
DRVDD
AVDD
0
20
40
60
80
100
20
40
60
80
100
120
SAMPLE RATE (MSPS)
SFDR (dBc)
SNR (dBFS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com