Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9653 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9653
Description  Quad, 16-Bit, 125 MSPS, Serial LVDS 1.8 V
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9653 Datasheet(HTML) 2 Page - Analog Devices

  AD9653 Datasheet HTML 1Page - Analog Devices AD9653 Datasheet HTML 2Page - Analog Devices AD9653 Datasheet HTML 3Page - Analog Devices AD9653 Datasheet HTML 4Page - Analog Devices AD9653 Datasheet HTML 5Page - Analog Devices AD9653 Datasheet HTML 6Page - Analog Devices AD9653 Datasheet HTML 7Page - Analog Devices AD9653 Datasheet HTML 8Page - Analog Devices AD9653 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
AD9653
Data Sheet
Rev. 0 | Page 2 of 40
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
DC Specifications ......................................................................... 3
AC Specifications.......................................................................... 5
Digital Specifications ................................................................... 7
Switching Specifications .............................................................. 8
Timing Specifications .................................................................. 9
Absolute Maximum Ratings.......................................................... 11
Thermal Resistance .................................................................... 11
ESD Caution................................................................................ 11
Pin Configuration and Function Descriptions........................... 12
Typical Performance Characteristics ........................................... 14
VREF = 1.0 V ................................................................................. 14
VREF = 1.3 V ................................................................................. 17
Equivalent Circuits ......................................................................... 21
Theory of Operation ...................................................................... 22
Analog Input Considerations.................................................... 22
Voltage Reference ....................................................................... 23
Clock Input Considerations...................................................... 25
Power Dissipation and Power-Down Mode ........................... 27
Digital Outputs and Timing ..................................................... 27
Output Test Modes..................................................................... 30
Serial Port Interface (SPI).............................................................. 31
Configuration Using the SPI..................................................... 31
Hardware Interface..................................................................... 32
Configuration Without the SPI ................................................ 32
SPI Accessible Features.............................................................. 32
Memory Map .................................................................................. 33
Reading the Memory Map Register Table............................... 33
Memory Map Register Table..................................................... 34
Memory Map Register Descriptions........................................ 37
Applications Information .............................................................. 39
Design Guidelines ...................................................................... 39
Power and Ground Recommendations................................... 39
Exposed Pad Thermal Heat Slug Recommendations............ 39
VCM............................................................................................. 39
Reference Decoupling................................................................ 39
SPI Port........................................................................................ 39
Crosstalk Performance .............................................................. 39
Outline Dimensions....................................................................... 40
Ordering Guide .......................................................................... 40
REVISION HISTORY
5/12—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com