Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

031-218-RFX Datasheet(PDF) 8 Page - Amphenol Corporation

Part # 031-218-RFX
Description  BNC Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

031-218-RFX Datasheet(HTML) 8 Page - Amphenol Corporation

Back Button 031-218-RFX Datasheet HTML 4Page - Amphenol Corporation 031-218-RFX Datasheet HTML 5Page - Amphenol Corporation 031-218-RFX Datasheet HTML 6Page - Amphenol Corporation 031-218-RFX Datasheet HTML 7Page - Amphenol Corporation 031-218-RFX Datasheet HTML 8Page - Amphenol Corporation 031-218-RFX Datasheet HTML 9Page - Amphenol Corporation 031-218-RFX Datasheet HTML 10Page - Amphenol Corporation 031-218-RFX Datasheet HTML 11Page - Amphenol Corporation 031-218-RFX Datasheet HTML 12Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
112
Amphenol® RF:
800-627-7100
BNC
BNC
Straight Crimp Jacks
Cable
Plating
Termination
Group
Part Number
Body
Contact
Body
Contact
Grade
B
031-317
Nickel
Gold
Crimp
Crimp
Industrial
C
031-4327 (QPL)
Silver
Gold
Crimp
Crimp
Industrial
C
000-36800-RFX
Nickel
Gold
Crimp
Crimp
Commercial
C
000-36800
Nickel
Gold
Crimp
Crimp
Industrial
Straight Clamp Jacks
Cable
Plating
Termination
Group
Part Number
Body
Contact
Body
Contact
Grade
C1
031-5
Nickel
Gold
Clamp
Solder
Industrial
E
031-15
Nickel
Silver
Clamp
Solder
Industrial
Straight Bulkhead Crimp Jacks
Cable
Plating
Termination
Group
Part Number
Body
Contact
Body
Contact
Grade
B
031-318
Nickel
Gold
Crimp
Crimp
Industrial
B
031-318-RFX
Nickel
Gold
Crimp
Crimp
Commercial
C
031-342
Nickel
Gold
Crimp
Crimp
Industrial
C
031-342-RFX
Nickel
Gold
Crimp
Crimp
Commercial
E
031-343-RFX
Nickel
Gold
Crimp
Solder
Commercial
Straight Bulkhead Clamp Jacks
Cable
Plating
Termination
Group
Part Number
Body
Contact
Body
Contact
Grade
C
031-206
Nickel
Silver
Clamp
Solder
Industrial
E
031-207
Nickel
Silver
Clamp
Solder
Industrial
B
000-86350
Nickel
Silver
Clamp
Solder
Industrial
50Ω Receptacles
Straight Panel Jacks
Plating
Part Number
Body
Contact Terminal Type Description
Grade
031-105
Nickel
Silver Solder Cup
4-hole Square Flange .120” Dia. Industrial
031-203
Nickel
Silver Solder Cup
4-hole Square Flange No. 3-56
Industrial
031-203-RFX Nickel
Gold
Solder Cup
4-hole Square Flange .125” Dia. Commercial
000-4500
Nickel
Silver Turret
4-hole Square Flange .136” Dia. Industrial
50Ω Cable Connectors (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com