Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

031-218-RFX Datasheet(PDF) 12 Page - Amphenol Corporation

Part # 031-218-RFX
Description  BNC Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

031-218-RFX Datasheet(HTML) 12 Page - Amphenol Corporation

Back Button 031-218-RFX Datasheet HTML 8Page - Amphenol Corporation 031-218-RFX Datasheet HTML 9Page - Amphenol Corporation 031-218-RFX Datasheet HTML 10Page - Amphenol Corporation 031-218-RFX Datasheet HTML 11Page - Amphenol Corporation 031-218-RFX Datasheet HTML 12Page - Amphenol Corporation 031-218-RFX Datasheet HTML 13Page - Amphenol Corporation 031-218-RFX Datasheet HTML 14Page - Amphenol Corporation 031-218-RFX Datasheet HTML 15Page - Amphenol Corporation 031-218-RFX Datasheet HTML 16Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
116
Amphenol® RF:
800-627-7100
75Ω Cable Connectors
Straight Crimp-Crimp Plugs
Plating
Cable Group Part Number
Body
Contact
Type
Grade
B
031-71013
Nickel
Gold
2
Industrial
B1
031-70013
Nickel
Gold
1
Industrial
B1
031-71013-RFX
Nickel
Gold
2
Commercial
E
031-70008
Nickel
Gold
1
Industrial
E
031-71008
Nickel
Gold
2
Industrial
E
031-71008-RFX
Nickel
Gold
2
Commercial
E
031-71032
Nickel
Gold
2
Industrial
E1
031-70008-3000
Nickel
Gold
1
Industrial
E1
031-71008-1000
Nickel
Gold
2
Industrial
E1
031-71008-1RFX
Nickel
Gold
2
Commercial
E2
031-70235
Nickel
Gold
1
Industrial
E3
031-71066
Nickel
Gold
2
Industrial
F
031-71008-2000
Nickel
Gold
2
Industrial
G1
031-70000
Nickel
Gold
1
Industrial
H1
031-70234
Nickel
Gold
1
Industrial
H1
031-71000-RFX
Nickel
Gold
2
Commercial
H3
031-71065
Nickel
Gold
2
Industrial
I
031-70237
Nickel
Gold
1
Industrial
I2
031-70238
Nickel
Gold
1
Industrial
K3
031-70236
Nickel
Gold
1
Industrial
K3, I2
031-71033
Nickel
Gold
2
Industrial
Angle Crimp-Crimp Plugs
Plating
Cable Group Part Number
Body
Contact
Type
Grade
I
031-70239
Nickel
Gold
2
Industrial
I2
031-70240
Nickel
Gold
1
Industrial
BNC
BNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com