Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

031-218-RFX Datasheet(PDF) 9 Page - Amphenol Corporation

Part # 031-218-RFX
Description  BNC Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

031-218-RFX Datasheet(HTML) 9 Page - Amphenol Corporation

Back Button 031-218-RFX Datasheet HTML 5Page - Amphenol Corporation 031-218-RFX Datasheet HTML 6Page - Amphenol Corporation 031-218-RFX Datasheet HTML 7Page - Amphenol Corporation 031-218-RFX Datasheet HTML 8Page - Amphenol Corporation 031-218-RFX Datasheet HTML 9Page - Amphenol Corporation 031-218-RFX Datasheet HTML 10Page - Amphenol Corporation 031-218-RFX Datasheet HTML 11Page - Amphenol Corporation 031-218-RFX Datasheet HTML 12Page - Amphenol Corporation 031-218-RFX Datasheet HTML 13Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
113
Amphenol® RF:
800-627-7100
BNC
Front Mount Bulkhead Panel Jacks
Plating
Part Number
Body
Contact
Terminal Type
Description
Grade
031-10
Nickel
Silver
Solder Cup
Isolated
Industrial
031-10-RFX
Nickel
Silver
Solder Cup
Isolated
Commercial
031-102
Nickel
Silver
Solder Cup
Pressurized
Industrial
031-221
Nickel
Silver
Solder Cup
Industrial
031-221-RFX
Nickel
Gold
Solder Cup
Commercial
031-2221
Nickel
Silver
Solder Cup
Industrial
031-236
Nickel
Silver
Solder Cup
Industrial
031-239
Nickel
Silver
Solder Cup
Pressurized
Industrial
031-3376 (QPL)
Silver
Gold
Solder Cup
Industrial
031-4238 (QPL)
Silver
Gold
Eyelet
Hermetic
Industrial
031-4890-1
Silver
Silver
Solder Cup
Isolated
Industrial
Rear Mount Bulkhead Panel Jacks
Plating
Part Number
Body
Contact
Terminal Type
Description
Grade
031-237 (QPL)
Silver
Gold
Eyelet
Rear Mount, Hermetic
Industrial
Angle Bulkhead Panel Jacks
Plating
Part Number
Body
Contact
Terminal Type
Description
Grade
031-222
Nickel
Silver
Solder Cup
With Tooth Lockwasher
Industrial
50Ω Printed Circuit Board Connectors
Straight Jacks
Plating
Part Number
Body
Contact Mounting Style
Grade
Description
031-5633
Nickel
Gold Blunt Post
Industrial
031-5493-1010
Nickel
Gold Compliant Pin
Industrial
031-5633-1010
Nickel
Gold Compliant Pin
Industrial
000-18225
Nickel
Silver Blunt Post (Sq.) Industrial
4 Leg Post Terminal
040(1.0), Dia. X .125(3.2)
Long
031-5329
Nickel
Gold Blunt Post
(Flush)
Industrial
3 Leg Long Post Terminal
.040(1.0), Dia. X .125(3.2)
Long/.025(0.6)
031-5329-51RFX Nickel
Silver Blunt Post (Lip) Commercial 4 Legs .176(4.5) Long/Post
Terminal, .037(0.9) Dia
031-5329-52RFX Nickel
Gold Blunt Post (Lip) Commercial 4 Legs .176(4.5) Long/Post
Terminal, .037(0.9) Dia
BNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com