Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9737ABBCZRL Datasheet(PDF) 30 Page - Analog Devices

Part # AD9737ABBCZRL
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9737ABBCZRL Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9737ABBCZRL Datasheet HTML 26Page - Analog Devices AD9737ABBCZRL Datasheet HTML 27Page - Analog Devices AD9737ABBCZRL Datasheet HTML 28Page - Analog Devices AD9737ABBCZRL Datasheet HTML 29Page - Analog Devices AD9737ABBCZRL Datasheet HTML 30Page - Analog Devices AD9737ABBCZRL Datasheet HTML 31Page - Analog Devices AD9737ABBCZRL Datasheet HTML 32Page - Analog Devices AD9737ABBCZRL Datasheet HTML 33Page - Analog Devices AD9737ABBCZRL Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
AD9737A/AD9739A
Data Sheet
Rev. | Page 30 of 64
fDAC = 2 GSPS, IOUTFS = 20 mA, nominal supplies, TA = 25°C, unless otherwise noted.
fOUT (MHz)
30
40
50
60
70
80
90
0
100
200
300
400
500
600
700
800
900
1000
+25°C
+85°C
–40°C
Figure 101. SFDR vs. fOUT over Temperature
–170
–168
–166
–164
–162
–160
–158
–156
–154
–152
–150
0
200
400
600
800
1000
100
300
500
700
900
fOUT (MHz)
+25°C
–40°C
+85°C
Figure 102. Single-Tone NSD vs. fOUT over Temperature
VBW 300kHz
SPAN 53.84MHz
SWEEP 174.6ms (601pts)
CENTER 350.27MHz
#RES BW 30kHz
RMS RESULTS
CARRIER POWER
–14.54dBm/
3.84MHz
FREQ
OFFSET
(MHz)
5
10
15
20
25
REF
BW
(MHz)
3.84
3.84
3.84
3.84
3.84
(dBc)
–79.90
–80.60
–80.90
–80.62
–80.76
(dBm)
–94.44
–95.14
–95.45
–95.16
–95.30
LOWER
(dBc)
–79.03
–79.36
–80.73
–80.97
–80.95
(dBm)
–93.57
–94.40
–95.27
–95.51
–95.49
UPPER
Figure 103. Single-Carrier WCDMA at 350 MHz, fDAC = 2457.6 MSPS
fOUT (MHz)
30
40
50
60
70
80
90
100
110
0
100
200
300
400
500
600
700
800
900
1000
+25°C
–40°C
+85°C
Figure 104. IMD vs. fOUT over Temperature
–170
–168
–166
–164
–162
–160
–158
–156
–154
–152
–150
0
200
400
600
800
1000
100
300
500
700
900
fOUT (MHz)
+25°C
–40°C
+85°C
Figure 105. Eight-Tone NSD vs. fOUT over Temperature
–50
–55
–60
–65
–70
–75
–80
–85
–90
0
200
400
600
800
1400
1200
1000
fOUT (MHz)
FIRST ADJ CH
FIFTH ADJ CH
SECOND ADJ CH
Figure 106. Single-Carrier WCDMA ACLR vs. fOUT at 2457.6 MSPS
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com