Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9737ABBCZRL Datasheet(PDF) 26 Page - Analog Devices

Part # AD9737ABBCZRL
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9737ABBCZRL Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9737ABBCZRL Datasheet HTML 22Page - Analog Devices AD9737ABBCZRL Datasheet HTML 23Page - Analog Devices AD9737ABBCZRL Datasheet HTML 24Page - Analog Devices AD9737ABBCZRL Datasheet HTML 25Page - Analog Devices AD9737ABBCZRL Datasheet HTML 26Page - Analog Devices AD9737ABBCZRL Datasheet HTML 27Page - Analog Devices AD9737ABBCZRL Datasheet HTML 28Page - Analog Devices AD9737ABBCZRL Datasheet HTML 29Page - Analog Devices AD9737ABBCZRL Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
AD9737A/AD9739A
Data Sheet
Rev. | Page 26 of 64
TYPICAL PERFORMANCE CHARACTERISTICS—AD9739A
STATIC LINEARITY
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
CODE
2048
0
4096
6144
8192 10,240 12,288 14,336 16,384
Figure 78. Typical INL, 20 mA at 25°C
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
0
CODE
2048
4096
6144
8192 10,240 12,288 14,336 16,384
Figure 79. Typical DNL, 20 mA at 25°C
0
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
CODE
2048
4096
6144
8192 10,240 12,288 14,336 16,384
Figure 80. Typical INL, 20 mA at −40°C
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
0
CODE
2048
4096
6144
8192 10,240 12,288 14,336 16,384
Figure 81. Typical DNL, 20 mA at −40°C
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0
CODE
2048
4096
6144
8192 10,240 12,288 14,336 16,384
Figure 82. Typical INL, 20 mA at 85°C
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
0
CODE
2048
4096
6144
8192 10,240 12,288 14,336 16,384
Figure 83. Typical DNL, 20 mA at 85°C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com