Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9737ABBCZRL Datasheet(PDF) 8 Page - Analog Devices

Part # AD9737ABBCZRL
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9737ABBCZRL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9737ABBCZRL Datasheet HTML 4Page - Analog Devices AD9737ABBCZRL Datasheet HTML 5Page - Analog Devices AD9737ABBCZRL Datasheet HTML 6Page - Analog Devices AD9737ABBCZRL Datasheet HTML 7Page - Analog Devices AD9737ABBCZRL Datasheet HTML 8Page - Analog Devices AD9737ABBCZRL Datasheet HTML 9Page - Analog Devices AD9737ABBCZRL Datasheet HTML 10Page - Analog Devices AD9737ABBCZRL Datasheet HTML 11Page - Analog Devices AD9737ABBCZRL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
AD9737A/AD9739A
Data Sheet
Rev. | Page 8 of 64
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
VDDA to VSSA
−0.3 V to +3.6 V
VDD33 to VSS
−0.3 V to +3.6 V
VDD to VSS
−0.3 V to +1.98 V
VDDC to VSSC
−0.3 V to +1.98 V
VSSA to VSS
−0.3 V to +0.3 V
VSSA to VSSC
−0.3 V to +0.3 V
VSS to VSSC
−0.3 V to +0.3 V
DACCLK_P, DACCLK_N to VSSC
−0.3 V to VDDC + 0.18 V
DCI, DCO to VSS
−0.3 V to VDD33 + 0.3 V
LVDS Data Inputs to VSS
−0.3 V to VDD33 + 0.3 V
IOUTP, IOUTN to VSSA
−1.0 V to VDDA + 0.3 V
I120, VREF to VSSA
−0.3 V to VDDA + 0.3 V
IRQ, CS, SCLK, SDO, SDIO, RESET to VSS
−0.3 V to VDD33 + 0.3 V
Junction Temperature
150°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 6. Thermal Resistance
Package Type
θJA
θJC
Unit
160-Ball CSP_BGA
31.2
7.0
°C/W1
1
With no airflow movement.
ESD CAUTION
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com