Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4432-1WBRJZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4432-1WBRJZ-R7
Description  SD Video Filter Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4432-1WBRJZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADA4432-1WBRJZ-R7 Datasheet HTML 1Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 2Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 3Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 4Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 5Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 6Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 7Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 8Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
ADA4432-1/ADA4433-1
Rev. A | Page 3 of 28
SPECIFICATIONS
ADA4432-1 SPECIFICATIONS
TA = 25°C, +VS = 3.3 V, RL = 150 Ω, unless otherwise specified.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
VOUT = 0.2 V p-p
10.5
MHz
−3 dB Large Signal Bandwidth
VOUT = 2 V p-p
9.3
10.5
MHz
ADA4432-1W only: TMIN to TMAX
8.6
MHz
1 dB Flatness
VOUT = 2 V p-p
8.3
9.4
MHz
ADA4432-1W only: TMIN to TMAX
7.6
MHz
0.1 dB Flatness
VOUT = 2 V p-p
3.3
MHz
Out-of-Band Rejection
f = 27 MHz, VOUT = 2 V p-p
37
43
dB
ADA4432-1W only: TMIN to TMAX
35
dB
Differential Gain
Modulated 10-step ramp, sync tip at 0 V
0.38
%
Differential Phase
Modulated 10-step ramp, sync tip at 0 V
0.69
Degrees
Group Delay Variation
f = 100 kHz to 5 MHz
8
ns
Pass Band Gain
5.80
6
6.24
dB
ADA4432-1W only: TMIN to TMAX
5.57
6.44
dB
NOISE/HARMONIC PERFORMANCE
Signal-to-Noise Ratio
100% white signal, f = 100 kHz to 5 MHz
70
dB
INPUT CHARACTERISTICS
Input Voltage Range
Limited by the output voltage range
0 to 1.34
0 to 1.4
0 to 1.45
V
ADA4432-1W only: TMIN to TMAX
0 to 1.3
0 to 1.47
V
Input Resistance
>1.0
GΩ
Input Capacitance
8
pF
Input Bias Current
35
pA
OUTPUT CHARACTERISTICS
Output Offset Voltage
VIN = 0 V
192
280
mV
ADA4432-1W only: TMIN to TMAX
300
mV
Output Voltage Swing
RL = 150 Ω
0.28
+VS − 0.42
V
ADA4432-1W only: TMIN to TMAX
0.30
+VS − 0.45
V
Linear Output Current
±37
mA
Short-Circuit Output Current
±50
mA
SHORT-TO-BATTERY
Overvoltage Protection Range
+VS
18
V
ADA4432-1W only: TMIN to TMAX
+VS
18
V
STB Output Trigger Threshold
Back termination = 75 Ω
6.3
7.2
8.1
V
ADA4432-1W only: TMIN to TMAX
6.0
8.4
V
Disconnect Time
After the fault is applied
150
ns
Reconnect Time
After the fault is removed
300
ns
POWER SUPPLY
Power Supply Range1
2.6
3.6
V
Quiescent Current
No input signal, no load
7.6
10
mA
ADA4432-1W only: TMIN to TMAX
13
mA
Quiescent Current, Disabled
ENA = 0 V
14
20
µA
ADA4432-1W only: TMIN to TMAX
25
µA
Quiescent Current, Short-to-Battery
Short-to-battery fault condition: 18 V
4.6
mA
Quiescent Current, Short to Ground
Short on far end of output termination (75 Ω)
47
mA
PSRR
Δ+VS RIPPLE = ±0.3 V, f = dc
−63
dB
ENABLE PIN
Input Leakage Current
ENA = high/low
+0.3/−14
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com