Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4432-1WBRJZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4432-1WBRJZ-R7
Description  SD Video Filter Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4432-1WBRJZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4432-1WBRJZ-R7 Datasheet HTML 19Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 20Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 21Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 22Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 23Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 24Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 25Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 26Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
ADA4432-1/ADA4433-1
Rev. A | Page 23 of 28
LOW POWER CONSIDERATIONS
Using a series source termination and a shunt load termination on
a low supply voltage with the ADA4432-1 or ADA4433-1 realizes
significant power savings compared with driving a video cable
directly from a DAC output. Figure 56 shows a video DAC
driving a cable directly. Properly terminated, a DAC driven
transmission line requires two 75 Ω loads in parallel, demanding
in excess of 33 mA to reach a full-scale voltage level of 1.3 V.
Figure 57 shows the same video load being driven using the
ADA4432-1 and a series-shunt termination. This requires two
times the output voltage to drive the equivalent of 150 Ω but
only requires a little more than 15 mA to reach a full-scale output.
When running on the same supply voltage as the DAC, this result
in a 74% reduction in power consumption compared with the
circuit in Figure 56. The high order filtering provided by the
ADA4432-1 lowers the requirements on the DAC oversampling
ratio, realizing further power savings. The main source for power
savings realized by the configuration shown in Figure 57 comes
from the low drive mode setting for the ADV7391. This along
with the reduction in the requirement for oversampling (PLL
turned off), and the reduced load current required, results in
significant power savings.
For more detailed information on low drive mode, see the
ADV7391 data sheet.
Figure 56. Driving a Video Transmission Line Directly with a DAC
Figure 57. Driving a Video Transmission Line with the ADA4432-1
75Ω CABLE
75Ω
ADV7391
510Ω
3.3V
RSET
75Ω
300Ω
75Ω
75Ω
75Ω CABLE
ADV7391
4.12kΩ
3.3V
3.3V
RSET
ADA4432-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com