Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4432-1WBRJZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4432-1WBRJZ-R7
Description  SD Video Filter Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4432-1WBRJZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4432-1WBRJZ-R7 Datasheet HTML 1Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 2Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 3Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 4Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 5Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 6Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 7Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 8Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
ADA4432-1/ADA4433-1
Rev. A | Page 5 of 28
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Power Supply Range1
2.6
3.6
V
Quiescent Current
No input signal, no load
13.2
18
mA
ADA4433-1W only: TMIN to TMAX
19
mA
Quiescent Current, Disabled
ENA = 0 V
13.5
22
µA
ADA4433-1W only: TMIN to TMAX
30
µA
Quiescent Current, Short-to-Battery
Short-to-battery fault condition: 18 V
18
mA
Quiescent Current, Short-to-Ground
Short on far end of output termination (37.5 Ω)
60
mA
PSRR
Δ+VS RIPPLE = ±0.3 V, f = dc
−80
dB
ENABLE PIN
Input Leakage Current
ENA = high/low
+0.3/−14
µA
LOGIC OUTPUT/INPUT LEVELS
STB VOH
VOUT ≥ 5.7 V (fault condition)
3.3
V
STB VOL
VOUT ≤ 3 V (normal operation)
0.02
V
ENA VIH
Input voltage to enable device
≥2.4
V
ENA VIL
Input voltage to disable device
≤0.6
V
OPERATING TEMPERATURE RANGE
−40
+125
°C
1
Recommended range for optimal performance. Exceeding this range is not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com