Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4830-1BCPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4830-1BCPZ-R2
Description  High Speed Difference Amplifier with Input
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4830-1BCPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADA4830-1BCPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4830-1BCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4830-1BCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4830-1BCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4830-1BCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4830-1BCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4830-1BCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4830-1BCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4830-1BCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Data Sheet
ADA4830-1/ADA4830-2
Rev. C | Page 5 of 22
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
VOLTAGE REFERENCE INPUT
Input Voltage Range
0.2 to 2.2
V
Input Resistance
20
kΩ
Gain
VREF to VOUT
1
V/V
LOGIC OUTPUT/INPUT CHARACTERISTICS
STB VOH
VIN ≤ 7.4 V (normal operation)
3.3
V
STB VOL
VIN ≥ 8.2 V (fault condition), ADA4830-1/ADA4830-2
85/178
mV
ENA VIH
Voltage to enable device
≥1.8
V
ENA VIL
Voltage to disable device
≤0.8
V
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 150 Ω to ground
0.01 to 3.08
V
Linear Output Current
<1% THD at 100 kHz
50
mA
Short-Circuit Current
Sourcing/sinking
85/180
mA
Capacitive Load Drive
Peaking ≤ 4 dB
47
pF
POWER SUPPLY
Operating Range
Operation outside of this range results in
performance degradation
2.9
5.5
V
Quiescent Current per Amplifier
Enabled (ENA = 3.3 V), no load
5.5
8.0
mA
ADA4830-1W/ADA4830-2W only TMIN to TMAX
8.4
mA
Disabled (ENA = 0 V), no load
60
µA
VIN = 18 V (short-to-battery), no load
4.3
mA
Power Supply Rejection Ratio (PSRR)
+VS = 3.0 V to 3.6 V, VREF forced to 1.65 V
42
dB
OPERATING TEMPERATURE RANGE
−40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com