Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4830-1BCPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4830-1BCPZ-R2
Description  High Speed Difference Amplifier with Input
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4830-1BCPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADA4830-1BCPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4830-1BCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4830-1BCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4830-1BCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4830-1BCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4830-1BCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4830-1BCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4830-1BCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4830-1BCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
High Speed Difference Amplifier with Input
Short-to-Battery Protection
Data Sheet
ADA4830-1/ADA4830-2
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Input overvoltage (short-to-battery) protection of up to 18 V
Short-to-battery output flag for wire diagnostics
Wide input common-mode range with single 5 V supply
High performance video amplifier with 0.50 V/V gain
−3 dB bandwidth of 84 MHz
250 V/µs slew rate (2 V step)
Excellent video specifications
0.1 dB flatness to 28 MHz
SNR of 73 dB to 15 MHz
Differential gain/phase of 0.1%/0.1°
Wide supply range: 2.9 V to 5.5 V
Enable/output disable mode
Space saving 3 mm × 3 mm LFCSP package
Wide operating temperature range: −40°C to +125°C
Qualified for automotive applications
APPLICATIONS
Automotive vision systems
Automotive infotainment
Surveillance systems
GENERAL DESCRIPTION
The ADA4830-1 (single) and ADA4830-2 (dual) are monolithic,
high speed difference amplifiers that integrate input overvoltage
(short-to-battery) protection of up to 18 V with a wide input
common-mode voltage range and excellent ESD robustness.
They are intended for use as receivers for differential or pseudo
differential CVBS and other high speed video signals in harsh,
noisy environments such as automotive infotainment and vision
systems. The ADA4830-1 and ADA4830-2 combine high speed
and precision, which allows for accurate reproduction of CVBS
video signals, yet rejects unwanted common-mode error voltages.
The short-to-battery protection that is integrated into the
ADA4830-1 and ADA4830-2 employs fast switching circuitry to
clamp and hold internal voltage nodes at a safe level when an input
overvoltage condition is detected. This protection allows the inputs
of the ADA4830-1 and ADA4830-2 to be directly connected to a
remote video source, such as a rearview camera, without the
need for large expensive series capacitors. The ADA4830-1 and
ADA4830-2 can withstand direct short-to-battery voltages as
high as 18 V on their input pins.
The ADA4830-1 and ADA4830-2 are designed to operate at supply
voltages as low as 2.9 V and as high as 5.5 V, using only 6.8 mA
of supply current per channel. These devices provide true single-
supply capability, allowing the input signal to extend 8.5 V
FUNCTIONAL BLOCK DIAGRAM
STB
ENA
+VS
GND
+VS
R/2
R
R/2
R
INN
INP
VREF
×1
VOUT
ADA4830-1
Figure 1.
STB1
ENA1
+VS1
STB2
ENA2
+VS2
GND2
GND1
+VS
R/2
R
R/2
R
INN1
INP1
VREF1
×1
VOUT1
VOUT2
ADA4830-2
+VS
R
R/2
R
INN2
INP2
VREF2
×1
R/2
Figure 2.
below ground rail and to 8.5 V above ground on a single 5 V
supply. At the output, the amplifier can swing to within 250 mV
of either supply rail into a 150 Ω load.
The ADA4830-1 and ADA4830-2 present a gain of 0.50 V/V at their
output. This is designed to keep the video signal within the allowed
range of the video decoder, which is typically 1 V p-p or less.
The ADA4830-1W and ADA4830-2W are automotive grade
version, qualified for automotive applications. See the
Automotive Products section for more details.
The ADA4830-1 and ADA4830-2 are available in 3 mm × 3 mm
LFCSP packages, 8-lead and 16-lead, respectively, and are specified
for operation over the automotive temperature range of −40°C
to +125°C.


Similar Part No. - ADA4830-1BCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4800 AD-ADA4800 Datasheet
221Kb / 16P
Low Power, High Speed CCD Buffer Amplifier
REV. A
ADA4800ACPZ-R2 AD-ADA4800ACPZ-R2 Datasheet
221Kb / 16P
Low Power, High Speed CCD Buffer Amplifier
REV. A
ADA4800ACPZ-R7 AD-ADA4800ACPZ-R7 Datasheet
221Kb / 16P
Low Power, High Speed CCD Buffer Amplifier
REV. A
ADA4800ACPZ-RL AD-ADA4800ACPZ-RL Datasheet
221Kb / 16P
Low Power, High Speed CCD Buffer Amplifier
REV. A
ADA4805-1 AD-ADA4805-1 Datasheet
772Kb / 25P
0.2 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifiers
REV. B
More results

Similar Description - ADA4830-1BCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD830 AD-AD830 Datasheet
333Kb / 16P
High Speed, Video Difference Amplifier
REV.A
logo
Burr-Brown (TI)
INA154 BURR-BROWN-INA154 Datasheet
85Kb / 9P
High-Speed, Precision DIFFERENCE AMPLIFIER G = 1
INA157 BURR-BROWN-INA157 Datasheet
80Kb / 8P
High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Analog Devices
AD830 AD-AD830_10 Datasheet
363Kb / 20P
High Speed, Video Difference Amplifier
REV. C
logo
Texas Instruments
INA157UA-2K5 TI1-INA157UA-2K5 Datasheet
288Kb / 12P
High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Analog Devices
AD830 AD-AD830_15 Datasheet
363Kb / 20P
High Speed, Video Difference Amplifier
REV. C
logo
Texas Instruments
INA154 TI1-INA154 Datasheet
291Kb / 13P
High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)
INA157 TI1-INA157 Datasheet
288Kb / 12P
High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Analog Devices
AD830 AD-AD830_17 Datasheet
540Kb / 20P
High Speed, Video Difference Amplifier
Jan-2018
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
High Voltage, Precision Difference Amplifier
12/2016-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com