Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4830-1BCPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4830-1BCPZ-R2
Description  High Speed Difference Amplifier with Input
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4830-1BCPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4830-1BCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4830-1BCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4830-1BCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4830-1BCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4830-1BCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4830-1BCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4830-1BCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4830-1BCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4830-1BCPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ADA4830-1/ADA4830-2
Data Sheet
Rev. C | Page 10 of 22
7
6
5
4
3
2
1
0
–1
–2
–3
0.1
1
10
100
FREQUENCY (MHz)
VIN = 1V p-p
RL = 150Ω
CL = 0pF
CL = 68pF
NO SERIES OUTPUT RESISTOR
CL = 47pF
CL = 22pF
CL = 10pF
Figure 12. Large Signal Frequency Response for Various Capacitor Loads
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0.1
1
10
100
FREQUENCY (MHz)
VIN = 1V p-p
RL = 150Ω
Figure 13. 0.1 dB Flatness
–90
–80
–70
–60
–50
–40
–30
–20
0.1
1
10
100
FREQUENCY (MHz)
VIN = 1V p-p
VINCM = −8V
VINCM = +8V
VINCM = 0V
Figure 14. CMR Frequency Response for Various Input Common-Mode
Voltages
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
–12 –10
–8
–6
–4
–2
0
2
4
6
8
10
12
14
INPUT COMMON-MODE VOLTAGE (V)
VIN = 200mV p-p
f = 5MHz
+VS = 3.3V
+VS = 5.0V
Figure 15. Small Signal CMR vs. VINCM for Various Supply Voltages
–70
–60
–50
–40
–30
–20
–10
0
0.1
1
10
100
FREQUENCY (MHz)
VIN = 1V p-p
ENA = 0V
Figure 16. Input-to-Output Isolation with Device Disabled
6
3
0
–3
–6
–9
–12
–15
0.1
1
10
100
FREQUENCY (MHz)
VREF = 200mV p-p
+VS = 5.0V
RL = 1kΩ
+VS = 3.3V
RL = 150Ω
+VS = 5.0V
RL = 150Ω
+VS = 3.3V
RL = 1kΩ
Figure 17. VREF to VOUT Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com