Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16480/PCBZ Datasheet(PDF) 34 Page - Analog Devices

Part # ADIS16480/PCBZ
Description  Ten Degrees of Freedom Inertial Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16480/PCBZ Datasheet(HTML) 34 Page - Analog Devices

Back Button ADIS16480/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 37Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
ADIS16480
Data Sheet
Rev. 0 | Page 34 of 40
ALARMS
Each sensor has an independent alarm function that provides
controls for alarm magnitude, polarity, and enabling a dynamic
rate of change option. The ALM_STS register (see Table 61)
contains the alarm output flags and the FNCTIO_CTRL register
(see Table 149) provides an option for configuring one of the
digital I/O lines as an alarm indicator.
STATIC ALARM USE
The static alarm setting compares each sensor’s output with
the trigger settings in the xx_ALM_MAGN registers (see
Table 132 through Table 141) of that sensor. The polarity controls
for each alarm are in the ALM_CNFG_x registers (see Table 142,
Table 143, Table 144). The polarity establishes whether greater
than or less than produces an alarm condition. The comparison
between the xx_ALM_MAGN value and the output data only
applies to the upper word or 16 bits of the output data.
DYNAMIC ALARM USE
The dynamic alarm setting provides the option of comparing the
change in each sensor’s output over a period of 48.7 ms with that
sensor’s xx_ALM_MAGN register.
Table 132. XG_ALM_MAGN (Page 3, Base Address = 0x28)
Bits
Description (Default = 0x0000)
[15:0]
X-axis gyroscope alarm threshold settings,
Twos complement, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
Table 133. YG_ALM_MAGN (Page 3, Base Address = 0x2A)
Bits
Description (Default = 0x0000)
[15:0]
Y-axis gyroscope alarm threshold settings,
Twos complement, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
Table 134. ZG_ALM_MAGN (Page 3, Base Address = 0x2C)
Bits
Description (Default = 0x0000)
[15:0]
Z-axis gyroscope alarm threshold settings,
Twos complement, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
Table 135. XA_ALM_MAGN (Page 3, Base Address = 0x2E)
Bits
Description (Default = 0x0000)
[15:0]
X-axis accelerometer alarm threshold settings,
Twos complement, 0 g = 0x0000, 1 LSB = 0.8 mg
Table 136. YA_ALM_MAGN (Page 3, Base Address = 0x30)
Bits
Description (Default = 0x0000)
[15:0]
Y-axis accelerometer alarm threshold settings,
Twos complement, 0 g = 0x0000, 1 LSB = 0.8 mg
Table 137. ZA_ALM_MAGN (Page 3, Base Address = 0x32)
Bits
Description (Default = 0x0000)
[15:0]
Z-axis accelerometer alarm threshold settings,
Twos complement, 0 g = 0x0000, 1 LSB = 0.8 mg
Table 138. XM_ALM_MAGN (Page 3, Base Address = 0x34)
Bits
Description (Default = 0x0000)
[15:0]
X-axis magnetometer alarm threshold settings,
Twos complement, 0 gauss = 0x0000,
1 LSB = 0.1 mgauss
Table 139. YM_ALM_MAGN (Page 3, Base Address = 0x36)
Bits
Description (Default = 0x0000)
[15:0]
Y-axis magnetometer alarm threshold settings,
Twos complement, 0 gauss = 0x0000,
1 LSB = 0.1 mgauss
Table 140. ZM_ALM_MAGN (Page 3, Base Address = 0x38)
Bits
Description (Default = 0x0000)
[15:0]
Z-axis magnetometer alarm threshold settings,
Twos complement, 0 gauss = 0x0000,
1 LSB = 0.1 mgauss
Table 141. BR_ALM_MAGN (Page 3, Base Address = 0x3A)
Bits
Description (Default = 0x0000)
[15:0]
Z-axis barometer alarm threshold settings,
Twos complement, 0 bar = 0x0000, 1 LSB = 40 µbar
Table 142. ALM_CNFG_0 (Page 3, Base Address = 0x20)
Bits
Description (Default = 0x0000)
15
X-axis accelerometer alarm (1 = enabled)
14
Not used
13
X-axis accelerometer alarm polarity (1 = greater than)
12
X-axis accelerometer dynamic enable (1 = enabled)
11
Z-axis gyroscope alarm (1 = enabled)
10
Not used
9
Z-axis gyroscope alarm polarity (1 = greater than)
8
Z-axis gyroscope dynamic enable (1 = enabled)
7
Y-axis gyroscope alarm (1 = enabled)
6
Not used
5
Y-axis gyroscope alarm polarity (1 = greater than)
4
Y-axis gyroscope dynamic enable (1 = enabled)
3
X-axis gyroscope alarm (1 = enabled)
2
Not used
1
X-axis gyroscope alarm polarity (1 = greater than)
0
X-axis gyroscope dynamic enable (1 = enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com