Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16480/PCBZ Datasheet(PDF) 38 Page - Analog Devices

Part # ADIS16480/PCBZ
Description  Ten Degrees of Freedom Inertial Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16480/PCBZ Datasheet(HTML) 38 Page - Analog Devices

Back Button ADIS16480/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 37Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 38Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 39Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
ADIS16480
Data Sheet
Rev. 0 | Page 38 of 40
For example, set SLP_CNT[7:0] = 0x64 (DIN = 0x9064), then
set SLP_CNT[8] = 1 (DIN = 0x9101) to start a sleep period of
100 seconds.
Table 151. SLP_CNT (Page 3, Base Address = 0x10)
Bits
Description
[15:10]
Not used
9
Power-down mode
8
Normal sleep mode
[7:0]
Programmable time bits; 1 sec/LSB;
0x00 = indefinite
If the sleep mode and power-down mode bits are both set high,
the normal sleep mode (SLP_CNT[8]) bit takes precedence.
General-Purpose Registers
The USER_SCR_x registers (see Table 152, Table 153, Table 154,
and Table 155) provide four 16-bit registers for storing data.
Table 152. USER_SCR_1 (Page 2, Base Address = 0x74)
Bits
Description
[15:0]
User-defined
Table 153. USER_SCR_2 (Page 2, Base Address = 0x76)
Bits
Description
[15:0]
User-defined
Table 154. USER_SCR_3 (Page 2, Base Address = 0x78)
Bits
Description
[15:0]
User-defined
Table 155. USER_SCR_4 (Page 2, Base Address = 0x7A)
Bits
Description
[15:0]
User-defined
Real-Time Clock Configuration/Data
The VDDRTC power supply pin (see Table 5, Pin 23) provides
a separate supply for the real-time clock (RTC) function. This
enables the RTC to keep track of time, even when the main supply
(VDD) is off. Configure the RTC function by selecting one of
two modes in CONFIG[0] (see Table 106). The real-time clock
data is available in the TIME_MS_OUT register (see Table 156),
TIME_DH_OUT register (see Table 157), and TIME_YM_OUT
register (see Table 158). When using the elapsed timer mode,
the time data registers start at 0x0000 when the device starts
up (or resets) and begin keeping time in a manner that is
similar to a stopwatch. When using the clock/calendar mode,
write the current time to the real-time registers in the following
sequence: seconds (TIME_MS_OUT[5:0]), minutes (TIME_
MS_OUT[13:8]), hours (TIME_DH_OUT[5:0]), day
(TIME_DH_OUT[12:8]), month (TIME_YM_OUT[3:0]),
and year (TIME_YM_OUT[14:8]). The updates to the timer
do not become active until there is a successful write to the
TIME_ YM_OUT[14:8] byte. The real-time clock registers
reflect the newly updated values only after the next seconds tick
of the clock that follows the write to TIME_YM_OUT[14:8]
(year). Writing to TIME_ YM_OUT[14:8] activates all timing
values; therefore, always write to this location last when
updating the timer, even if the year information does not
require updating.
Write the current time to each time data register after setting
CONFIG[0] = 1 (DIN = 0x8003, DIN = 0x8A01). Note that
CONFIG[1] provides a bit for managing daylight savings time.
After the CONFIG and TIME_xx_OUT registers are
configured, set GLOB_CMD[3] = 1 (DIN = 0x8003, DIN =
0x8208, DIN = 0x8300) to back up these settings in flash, and
use a separate 3.3 V source to supply power to the VDDRTC
function. Note that access to time data in the TIME_xx_OUT
registers requires normal operation (VDD = 3.3 V and full
startup), but the timer function only requires that VDDRTC =
3.3 V when the rest of the ADIS16480 is turned off.
Table 156. TIME_MS_OUT (Page 0, Base Address = 0x78)
Bits
Description
[15:14]
Not used
[13:8]
Minutes, binary data, range = 0 to 59
[7:6]
Not used
[5:0]
Seconds, binary data, range = 0 to 59
Table 157. TIME_DH_OUT (Page 0, Base Address = 0x7A)
Bits
Description
[15:13]
Not used
[12:8]
Day, binary data, range = 1 to 31
[7:6]
Not used
[5:0]
Hours, binary data, range = 0 to 23
Table 158. TIME_YM_OUT (Page 0, Base Address = 0x7C)
Bits
Description
[15]
Not used
[14:8]
Year, binary data, range = 0 to 99, relative to 2000 A.D.
[7:4]
Not used
[3:0]
Month, binary data, range = 1 to 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com