Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16480/PCBZ Datasheet(PDF) 40 Page - Analog Devices

Part # ADIS16480/PCBZ
Description  Ten Degrees of Freedom Inertial Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16480/PCBZ Datasheet(HTML) 40 Page - Analog Devices

Back Button ADIS16480/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 37Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 38Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 39Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
ADIS16480
Data Sheet
Rev. 0 | Page 40 of 40
OUTLINE DIMENSIONS
BOTTOM VIEW
FRONT VIEW
44.254
44.000
43.746
42.80
42.60
42.30
0.069
0.054
0.039
47.254
47.000
46.746
14.200
14.000
13.800
39.854
39.600
39.346
19.20
19.80
19.40
Ø 2.40 BSC
(4 PLCS)
15.00
BSC
8.25
BSC
2.20 BSC
DETAIL A
DETAIL B
5.50
BSC
5.50
BSC
1.00 BSC
2.84 BSC
6.50 BSC
DETAIL A
DETAIL B
1.00 BSC
PITCH
0.30 SQ BSC
3.454
3.200
2.946
Figure 31. 24-Lead Module with Connector Interface [MODULE]
(ML-24-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
ADIS16480AMLZ
−40°C to +85°C
24-Lead Module with Connector Interface [MODULE]
ML-24-6
ADIS16480/PCBZ
Interface PCB
1
Z = RoHS Compliant Part.
2
The ADIS16480/PCBZ includes one ADIS16480AMLZ and one interface board PCB. See Figure 27 for more information on the interface PCB.
©2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D10278-0-5/12(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com