Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16488/PCBZ Datasheet(PDF) 31 Page - Analog Devices

Part # ADIS16488/PCBZ
Description  Ten Degrees of Freedom Inertial Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488/PCBZ Datasheet(HTML) 31 Page - Analog Devices

Back Button ADIS16488/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16488/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16488/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16488/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16488/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16488/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16488/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16488/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16488/PCBZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Data Sheet
ADIS16488
Rev. B | Page 31 of 36
Table 119. SLP_CNT (Page 3, Base Address = 0x10)
Bits
Description
[15:10]
Not used
9
Power-down mode
8
Normal sleep mode
[7:0]
Programmable time bits; 1 sec/LSB;
0x00 = indefinite
If the sleep mode and power-down mode bits are both set high,
the normal sleep mode (SLP_CNT[8]) bit takes precedence.
General-Purpose Registers
The USER_SCR_x registers (see Table 120, Table 121, Table 122,
and Table 123) provide four 16-bit registers for storing data.
Table 120. USER_SCR_1 (Page 2, Base Address = 0x74)
Bits
Description
[15:0]
User-defined
Table 121. USER_SCR_2 (Page 2, Base Address = 0x76)
Bits
Description
[15:0]
User-defined
Table 122. USER_SCR_3 (Page 2, Base Address = 0x78)
Bits
Description
[15:0]
User-defined
Table 123. USER_SCR_4 (Page 2, Base Address = 0x7A)
Bits
Description
[15:0]
User-defined
Real-Time Clock Configuration/Data
The VDDRTC power supply pin (see Table 5, Pin 23) provides
a separate supply for the real-time clock (RTC) function. This
enables the RTC to keep track of time, even when the main supply
(VDD) is off. Configure the RTC function by selecting one of
two modes in CONFIG[0] (see Table 74). The real-time clock
data is available in the TIME_MS_OUT register (see Table 124),
TIME_DH_OUT register (see Table 125), and TIME_YM_OUT
register (see Table 126). When using the elapsed timer mode,
the time data registers start at 0x0000 when the device starts
up (or resets) and begin keeping time in a manner that is
similar to a stopwatch. When using the clock/calendar mode,
write the current time to the real-time registers in the following
sequence: seconds (TIME_MS_OUT[5:0]), minutes (TIME_
MS_OUT[13:8]), hours (TIME_DH_OUT[5:0]), day
(TIME_DH_OUT[12:8]), month (TIME_YM_OUT[3:0]),
and year (TIME_YM_OUT[14:8]). The updates to the timer
do not become active until a successful write to the TIME_
YM_OUT[14:8] byte. The real-time clock registers reflect the
newly updated values only after the next seconds tick of the
clock that follows the write to TIME_YM_OUT[14:8] (year).
Writing to TIME_ YM_OUT[14:8] activates all timing values;
therefore, always write to this location last when updating the
timer, even if the year information does not require updating.
Write the current time to each time data register after setting
CONFIG[0] = 1 (DIN = 0x8003, DIN = 0x8A01). Note that
CONFIG[1] provides a bit for managing daylight savings time.
After the CONFIG and TIME_xx_OUT registers are
configured, set GLOB_CMD[3] = 1 (DIN = 0x8003, DIN =
0x8204, DIN = 0x8300) to back these settings up in flash, and
use a separate 3.3 V source to supply power to the VDDRTC
function. Note that access to time data in the TIME_xx_OUT
registers requires normal operation (VDD = 3.3 V and full
startup), but the timer function only requires that VDDRTC =
3.3 V when the rest of the ADIS16488 is turned off.
Table 124. TIME_MS_OUT (Page 0, Base Address = 0x78)
Bits
Description
[15:14]
Not used
[13:8]
Minutes, binary data, range = 0 to 59
[7:6]
Not used
[5:0]
Seconds, binary data, range = 0 to 59
Table 125. TIME_DH_OUT (Page 0, Base Address = 0x7A)
Bits
Description
[15:13]
Not used
[12:8]
Day, binary data, range = 1 to 31
[7:6]
Not used
[5:0]
Hours, binary data, range = 0 to 23
Table 126. TIME_YM_OUT (Page 0, Base Address = 0x7C)
Bits
Description
[15]
Not used
[14:8]
Year, binary data, range = 0 to 99, relative to 2000 A.D.
[7:4]
Not used
[3:0]
Month, binary data, range = 1 to 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com