Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16488/PCBZ Datasheet(PDF) 32 Page - Analog Devices

Part # ADIS16488/PCBZ
Description  Ten Degrees of Freedom Inertial Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488/PCBZ Datasheet(HTML) 32 Page - Analog Devices

Back Button ADIS16488/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16488/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16488/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16488/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16488/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16488/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16488/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16488/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16488/PCBZ Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
ADIS16488
Data Sheet
Rev. B | Page 32 of 36
APPLICATIONS INFORMATION
PROTOTYPE INTERFACE BOARD
The ADIS16488/PCBZ includes one ADIS16488AMLZ, one
interface printed circuit board (PCB), and four M2 × 0.4 × 18 mm
machine screws. The interface PCB provides four holes for
ADIS16488AMLZ attachment and four larger holes for
attaching the interface PCB to another surface. The
ADIS16488AMLZ attachment holes are pre-tapped for M2 ×
0.4 mm machine screws and the four larger holes, located in
each corner, support attachment with M2.5 or #4 machine
screws. J1 is a dual-row, 2 mm (pitch) connector that works
with a number of ribbon cable systems, including 3M Part
Number 152212-0100-GB (ribbon crimp connector) and 3M Part
Number 3625/12 (ribbon cable). Note that J1 has 16 pads but
currently uses a 12-pin connector. The extra pins accommodate
future evaluation system plans.
Figure 27 provides the pin assignments for J1. The pin
descriptions match those listed in Table 5. The C1 and C2
locations provide solder pads for extra capacitors, which
can provide additional filtering for start-up transients and
supply noise.
ADIS16488
MOUNTING
HOLES
6.35mm
58.42mm
64.77mm
1.65mm
11.30mm
Figure 26. Physical Diagram for the ADIS16488/PCBZ
1
RST
2
SCLK
3
CS
4
DOUT
5
DNC
6
DIN
7
GND
8
GND
9
GND
10
VDD
11
VDD
12
VDD
13
DIO1
14
DIO2
15
DIO3
16
DIO4
J1
Figure 27. ADIS16488/PCBZ J1 Pin Assignments
INSTALLATION TIPS
Figure 28 and Figure 29 provide the mechanical design
information used for the ADIS16488/PCBZ. Use these
figures when implementing a connector-down approach,
where the mating connector and the ADIS16488AMLZ are on
the same surface. When designing a connector-up system, use
the mounting holes shown in Figure 28 as a guide in designing
the bulkhead mounting system and use Figure 29 as a guide in
developing the mating connector interface on a flexible circuit
or other connector system. The suggested torque setting for the
attachment hardware is 40 inch-ounces, or 0.2825 N-m.
0.560 BSC 2×
ALIGNMENT HOLES
FOR MATING SOCKET
2.500 BSC 4×
19.800 BSC
39.600 BSC
5 BSC
5 BSC
NOTES
1. ALL DIMENSIONS IN mm UNITS.
Figure 28. Suggested Mounting Hole Locations, Connector Down
0.4334 [11.0]
0.0240 [0.610]
0.019685
[0.5000]
(TYP)
0.054 [1.37]
0.0394 [1.00]
0.0394 [1.00]
0.1800
[4.57]
NONPLATED
THRU HOLE 2×
0.022±
DIA (TYP)
0.022 DIA THRU HOLE (TYP)
NONPLATED THRU HOLE
Figure 29. Suggested Layout and Mechanical Design for the Mating Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com