Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16488/PCBZ Datasheet(PDF) 33 Page - Analog Devices

Part # ADIS16488/PCBZ
Description  Ten Degrees of Freedom Inertial Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488/PCBZ Datasheet(HTML) 33 Page - Analog Devices

Back Button ADIS16488/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16488/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16488/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16488/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16488/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16488/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16488/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16488/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16488/PCBZ Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Data Sheet
ADIS16488
Rev. B | Page 33 of 36
OUTLINE DIMENSIONS
BOTTOM VIEW
FRONT VIEW
44.254
44.000
43.746
42.854
42.600
42.346
47.254
47.000
46.746
14.254
14.000
13.746
3.454
3.200
2.946
39.854
39.600
39.346
Ø 2.40 BSC
(4 PLCS)
19.80
2.20 BSC
DETAIL A
DETAIL B
5.50
BSC
5.50
BSC
1.00 BSC
1.142 BSC
2.84 BSC
DETAIL A
DETAIL B
1.00 BSC
PITCH
0.30 SQ BSC
Figure 30. 24-Lead Module with Connector Interface [MODULE]
(ML-24-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
ADIS16488AMLZ
−40°C to +85°C
24-Lead Module with Connector Interface [MODULE]
ML-24-6
ADIS16488/PCBZ
Interface PCB
1
Z = RoHS Compliant Part.
2
The ADIS16488/PCBZ includes one ADIS16488AMLZ and one interface board PCB. See Figure 26 for more information on the interface PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com