Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5304ACPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5304ACPZ-R2
Description  High Speed, 200 dB Range
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5304ACPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADL5304ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADL5304
Data Sheet
Rev. 0 | Page 4 of 32
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
VPOS, VNEG
VPOS
4.5
5.0
5.5
V
Quiescent Current
INUM = IDEN = 10 μA; VPOS = 5 V, VNEG = 0 V
13.5
16
mA
4.5 V ≤ VPOS ≤ 5.5 V
10
17
mA
VNEG6
Nominal 0 V for single supply
0
−5
V
Quiescent Current
INUM = IDEN = 10 μA; VPOS = 5 V, VNEG = 0 V
−8.5
−7.3
mA
VNEG = −5 V
−10.5
−6
mA
1 Slope is of the same magnitude but opposite sign for input applied to IDEN.
2 IZ = IREF/10(VOFS/VY). Note that the error of IZ is dependent on three parameters, IREF, VOFS, and VY. All three of those are trimmed.
3 Output noise and small signal bandwidth are functions of input current; measured from the INUM input to the VLOG output. See the
section.
Typical Performance
Characteristics
4 High-to-low currents (falling edge) represent the worst-case settling condition. Low-to-high currents (rising edge) settling times are ~2× faster than the falling edge
settling. Settling time is measured to 1 dB error (10 mV/dB; VLOG settles to within 10 mV of the final value).
5 IREF applied to IDEN together with 1P5V determines the logarithmic intercept current, IZ, and thereby the accuracy of the intercept.
6 Using dual-supply operation with the VSMx, DCBI, and INPS pins at ground, VNEG needs to be in the −2 V to −5 V range for proper device function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com