Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5304ACPZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5304ACPZ-R2
Description  High Speed, 200 dB Range
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5304ACPZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5304ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
ADL5304
Rev. 0 | Page 21 of 32
Capacitor, C1D, effectively reduces the bandwidth of the
denominator input stage. A few picofarads of capacitance
(<5 pF) reduce the bandwidth significantly for currents below
approximately 1 μA, though whereas 1 nF to 10 nF are normally
enough to reduce the bandwidth up to the maximum 10 mA of
input current. When measurement speed is of primary importance,
it is better to add filtering after the FET amp outputs, in which
case, C2D, RD, and C3D are the best locations. The resistor in this
case should not be much larger than 1 kΩ because there is a
bias current that is approximately 35 μA that flows from the
temperature compensation block into each of the VDEN and
VNUM pins. Inserting a resistor, as shown in Figure 48, lifts up
the voltages at the INNM and/or INDN pins and potentially causes
headroom problems in the temperature compensation block.
When IDEN is used as the reference, as is normally done, then it
is recommended that C1D is zero, C2D is a 0.1 μF ceramic
decoupling capacitor, RD is a short, and C3D is not placed.
Adding a capacitor, CFB, adds additional filtering at the buffer
output. This capacitor also helps to optimize the pulse response
by placing a zero across the feedback resistor (2.5 kΩ in the
default configuration). A good value to start with is 22 pF, this
introduces a zero at 2.9 MHz that can improve the pulse responses
for input currents above approximately 100 μA.
Photodiode Bias
The ADL5304 provides for adaptive photodiode bias. A monitoring
transistor, Q3, connected in parallel with Q1 (see Figure 49),
samples 1/10th the input current, INUM. This sampled current is
multiplied by a factor of 11 to give an effective output current at
the IMON pin of 1.1 times INUM. Because the photodiode produces
INUM, the additional current has to flow in an external resistor,
RMNTR, equal to 10 × RS, where RS is the value of the internal
parasitic series resistance of the photodiode. This ensures that
the actual junction of the photodiode is biased as close as
possible to 0 V to minimize dark current. Capacitor, CMON,
provides potential filtering and dynamic currents during fast
transients. The value for best bias response depends on the
photodiode used and should be determined experimentally.
Nominally, CMON = 0.
If the adaptive bias is not used, the IMON pin must be connected
to ground. It is easy to provide a 0.5 V reverse bias across the
diode by using the 2VLT reference and connecting it to the
cathode. Because the ADL5304 forces the voltage at INUM very
close to 1.500 V, the trimmed 2.000 V ensures a precise 0.5 V
reverse bias for the PD.
MONITOR AND
PD BIAS
(1.1× INUM)
2
3
4
5
6
8
7
30
VSM2
VSM1
RMNTR
32
VSM3
VSM4
IREF
IDEN
INUM
100nA
Q2
Q1
Q3
1.5V
1.5V
9
VDEN
VNUM
IMON
SHIELD
SHIELD
PD
CMON
FROM 1.5V VREF
Figure 49. Adaptive Photodiode Bias
One example of dual-supply operation is shown in Figure 50, where
the 2.000 V (the 2VLT pin) reference ensures a precisely controlled,
reverse bias across the PD. The user can use other reverse bias
voltages but needs to provide them separately. Note that when the
VSMx pins are grounded, the DCBI and INPS pins must also be
grounded.
MONITOR AND
PD BIAS
(1.1× INUM)
2
3
4
5
6
8
7
30
VSM2
VSM1
32
VSM3
VSM4
IREF
IDEN
INUM
100nA
Q2
Q1
Q3
9
VDEN
VNUM
IMON
SHIELD
SHIELD
PD
FROM 2.0V
VREF
Figure 50. PD Bias with VSUM at Ground and Using 2.000 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com