Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5304ACPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5304ACPZ-R2
Description  High Speed, 200 dB Range
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5304ACPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5304ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
ADL5304
Rev. 0 | Page 11 of 32
2.3
2.1
1.9
1.7
1.5
1.3
1.1
0.9
0.7
0.5
0.3
0
10203040
5060
TIME (µs)
1mA TO 10mA
100µA TO 1mA
10µA TO 100µA
1µA TO 10µA
100nA TO 1µA
10nA TO 100nA
Figure 27. Pulse Response for IDEN in Decade Steps from 1 nA to 1 mA;
INUM = 100 nA
10m
1m
100µ
10µ
1µ
100n
0
2040608
TIME (µs)
0
1.1µA TO 11µA
11µA TO 110µA
110µA TO 1.1mA
Figure 28. IMON Pulse Response vs. INUM
5
–5
–4
–3
–2
–1
0
1
2
3
4
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
+3σ
–3σ
Figure 29. Slope Drift vs. Temperature for 200 mV/dec
(3 σ to Either Side of Mean)
10
–10
–8
–6
–4
–2
0
2
4
6
8
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
+3σ
–3σ
Figure 30. Logarithmic Offset Drift vs. Temperature
(3 σ to Either Side of Mean)
INUM VOS (mV)
0
50
100
150
200
250
–1.0
–0.5
0
0.5
1.0
Figure 31. (VNUM − VSUM) Histogram at 25°C
1P5V VOLTAGE (V)
0
50
100
150
200
250
1.496
1.498
1.500
1.502
1.504
Figure 32. 1P5V Histogram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com