Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP504 Datasheet(PDF) 7 Page - Analog Devices

Part # ADMP504
Description  Ultralow Noise Microphone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP504 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADMP504 Datasheet HTML 3Page - Analog Devices ADMP504 Datasheet HTML 4Page - Analog Devices ADMP504 Datasheet HTML 5Page - Analog Devices ADMP504 Datasheet HTML 6Page - Analog Devices ADMP504 Datasheet HTML 7Page - Analog Devices ADMP504 Datasheet HTML 8Page - Analog Devices ADMP504 Datasheet HTML 9Page - Analog Devices ADMP504 Datasheet HTML 10Page - Analog Devices ADMP504 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADMP504
Rev. 0 | Page 7 of 12
APPLICATIONS INFORMATION
The ADMP504 output can be connected to a dedicated codec
microphone input (see Figure 8) or to a high input impedance
gain stage (see Figure 9). A 0.1 µF ceramic capacitor placed close
to the ADMP504 supply pin is used for testing and is recom-
mended to adequately decouple the microphone from noise on
the power supply. A dc-blocking capacitor is required at the
output of the microphone. This capacitor creates a high-pass
filter with a corner frequency at
fC = 1/(2π × C × R)
where R is the codec’s input impedance.
A minimum value of 2.2 μF is recommended in Figure 8
because the input impedance of the ADAU1361/ADAU1761
can be as low as 2 kΩ at its highest PGA gain setting, which
would result in a high-pass filter corner frequency at about
37 Hz.
Figure 9 shows the ADMP504 connected to an ADA4897-1
op amp configured as a noninverting preamplifier.
ADAU1761
OR
ADAU1361
ADMP504
GND
OUTPUT
LINN
LINP
MICBIAS
CM
2.2µF
MINIMUM
0.1µF
VDD
Figure 8. ADMP504 Connected to the Analog Devices ADAU1761
or ADAU1361 Codec
GAIN = (R1 + R2)/R1
ADMP504
GND
OUTPUT
1µF
MINIMUM
0.1µF
10k
Ω
R1
R2
VDD
VREF
VOUT
VREF
ADA4897-1
Figure 9. ADMP504 Connected to the ADA4897-1 Op Amp
SUPPORTING DOCUMENTS
Evaluation Board User Guide
UG-325, EVAL-ADMP504-FLEX: Bottom-Ported Analog Output
MEMS Microphone Evaluation Board
Circuit Note
CN-0207, High Performance iMEMS Analog Microphone’s
Simple Interface to SigmaDSP Audio Codec
Application Notes
AN-1003, Recommendations for Mounting and Connecting
Analog Devices, Inc., Bottom-Ported MEMS Microphones
AN-1068, Reflow Soldering of the MEMS Microphone
AN-1112, Microphone Specifications Explained
AN-1124, Recommendations for Sealing Analog Devices, Inc.,
Bottom-Port MEMS Microphones from Dust and Liquid
Ingress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com