Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP504 Datasheet(PDF) 3 Page - Analog Devices

Part # ADMP504
Description  Ultralow Noise Microphone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP504 Datasheet(HTML) 3 Page - Analog Devices

  ADMP504 Datasheet HTML 1Page - Analog Devices ADMP504 Datasheet HTML 2Page - Analog Devices ADMP504 Datasheet HTML 3Page - Analog Devices ADMP504 Datasheet HTML 4Page - Analog Devices ADMP504 Datasheet HTML 5Page - Analog Devices ADMP504 Datasheet HTML 6Page - Analog Devices ADMP504 Datasheet HTML 7Page - Analog Devices ADMP504 Datasheet HTML 8Page - Analog Devices ADMP504 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADMP504
Rev. 0 | Page 3 of 12
SPECIFICATIONS
TA = 25°C, VDD = 1.8 V, unless otherwise noted. All minimum and maximum specifications are guaranteed. Typical specifications are not
guaranteed.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
PERFORMANCE
Directionality
Omni
Sensitivity
1 kHz, 94 dB SPL
−41
−38
−35
dBV
Signal-to-Noise Ratio
SNR
20 Hz to 20 kHz, A-weighted
65
dBA
Equivalent Input Noise
EIN
20 Hz to 20 kHz, A-weighted
29
dBA SPL
Dynamic Range
Derived from EIN and maximum acoustic input
91
dB
Frequency Response1
Low frequency −3 dB point
100
Hz
High frequency −3 dB point
>20
kHz
Total Harmonic Distortion
THD
104 dB SPL
3
%
Power Supply Rejection
PSR
217 Hz, 100 mV p-p square wave superimposed on
VDD = 1.8 V
70
dBV
Maximum Acoustic Input
Peak, 10% THD
120
dB SPL
POWER SUPPLY
Supply Voltage
VDD
1.6
3.3
V
Supply Current
IS
VDD = 1.8 V
180
200
µA
VDD = 3.3 V
200
225
µA
OUTPUT CHARACTERISTICS
Output Impedance
ZOUT
200
Ω
Output DC Offset
0.8
V
Output Current Limit
90
µA
Maximum Output Voltage
120 dB SPL input, peak
0.25
V
Noise Floor
20 Hz to 20 kHz, A-weighted, rms
−103
dBV
1
See Figure 5 and Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com