Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP504 Datasheet(PDF) 9 Page - Analog Devices

Part # ADMP504
Description  Ultralow Noise Microphone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP504 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADMP504 Datasheet HTML 4Page - Analog Devices ADMP504 Datasheet HTML 5Page - Analog Devices ADMP504 Datasheet HTML 6Page - Analog Devices ADMP504 Datasheet HTML 7Page - Analog Devices ADMP504 Datasheet HTML 8Page - Analog Devices ADMP504 Datasheet HTML 9Page - Analog Devices ADMP504 Datasheet HTML 10Page - Analog Devices ADMP504 Datasheet HTML 11Page - Analog Devices ADMP504 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
ADMP504
Rev. 0 | Page 9 of 12
PCB LAND PATTERN LAYOUT
The recommended PCB land pattern for the ADMP504 should
be laid out to a 1:1 ratio to the solder pads on the microphone
package, as shown in Figure 10. Take care to avoid applying
solder paste to the sound hole in the PCB. A suggested solder
paste stencil pattern layout is shown in Figure 11. The diameter
of the sound hole in the PCB should be larger than the diameter
of the sound port of the microphone. A minimum diameter of
0.5 mm is recommended.
Ø1.55
Ø0.95
1.52
0.90
1.90
1.22
0.68
0.61
0.61
Figure 10. PCB Land Pattern Layout
1.22
2×
0.8 × 0.6
0.2 × 45°
TYP
1.52mm
1.55/1.05 DIA.
0.225 CUT WIDTH (2×)
Figure 11. Suggested Solder Paste Stencil Pattern Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com