Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1053 Datasheet(PDF) 39 Page - Analog Devices

Part # ADP1053
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADP1053 Datasheet HTML 35Page - Analog Devices ADP1053 Datasheet HTML 36Page - Analog Devices ADP1053 Datasheet HTML 37Page - Analog Devices ADP1053 Datasheet HTML 38Page - Analog Devices ADP1053 Datasheet HTML 39Page - Analog Devices ADP1053 Datasheet HTML 40Page - Analog Devices ADP1053 Datasheet HTML 41Page - Analog Devices ADP1053 Datasheet HTML 42Page - Analog Devices ADP1053 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
Data Sheet
ADP1053
Rev. A | Page 39 of 84
3.
Read two bytes from the INFO block.
R
S
A
A
ASr
0xF1
W
7-BIT SLAVE
ADDRESS
7-BIT SLAVE
ADDRESS
P
A
BYTE COUNT =
0x80
DATA BYTE
1
AA
DATA BYTE
2
MASTER TO SLAVE
SLAVE TO MASTER
Note that the block read command to the INFO block can read
a maximum of 128 bytes. However, only the first two bytes are
used to store the first flag information.
Read from Main Block, Page 0 and Page 1
Page 0 and Page 1 of the main block are reserved for storing the
default settings and user settings, respectively, and are meant to
prevent third-party access to this data. To read from Page 0 or
Page 1, the user must first unlock the EEPROM (see the Unlock
the EEPROM section). After the EEPROM is unlocked, Page 0
and Page 1 are readable using the EEPROM_DATA_xx
commands, as described in the Read from Main Block, Page 2
to Page 15 section. Note that when the EEPROM is locked, a
read from Page 0 or Page 1 returns invalid data.
Read from Main Block, Page 2 to Page 15
Data in Page 2 to Page 15 of the main block is always readable,
even with the EEPROM locked. The data in the EEPROM main
block can be read one byte at a time or in multiple bytes in series
using the EEPROM_DATA_xx commands (Command 0xB0 to
Command 0xBF).
Before executing this command, the user must program the
number of bytes to read using the EEPROM_NUM_RD_BYTES
command (Command 0xD2). The user can also program the offset
from the page boundary where the first read byte is returned using
the EEPROM_ADDR_OFFSET command (Command 0xD3).
In the following example, three bytes from Page 4 are read from
the EEPROM, starting from the fifth byte of that page.
1.
Set number of return bytes = 3.
A
SP
A
A0x03
0xD2
W
7-BIT SLAVE
ADDRESS
MASTER TO SLAVE
SLAVE TO MASTER
2.
Set address offset = 5.
A
S
P
AA
A
0x00
0x05
0xD3
W
7-BIT SLAVE
ADDRESS
MASTER TO SLAVE
SLAVE TO MASTER
3.
Read three bytes from Page 4.
R
S
A
A
ASr
0xB4
W
7-BIT SLAVE
ADDRESS
7-BIT SLAVE
ADDRESS
P
A...
BYTE COUNT =
0x03
DATA BYTE
1
AA
DATA BYTE
3
MASTER TO SLAVE
SLAVE TO MASTER
Note that the block read command can read a maximum of
256 bytes for any single transaction.
WRITE OPERATION (BYTE WRITE AND BLOCK
WRITE)
Write to INFO Block
The user cannot write directly to the INFO block; this block is
used by the ADP1053 to store the first flag information (see the
First Flag ID Recording section).
Write to Main Block, Page 0 and Page 1
Page 0 and Page 1 of the main block are reserved for storing the
default settings and user settings, respectively. The user cannot
perform a direct write operation to Page 0 or Page 1 using the
EEPROM_DATA_xx commands. A user write to Page 0 or Page 1
returns a not-acknowledge. To program the register contents of
Page 1 of the main block, it is recommended that the STORE_
USER_ALL command be used (Command 0x15). See the Save
Register Settings to User Settings section.
Write to Main Block, Page 2 and Page 3
Page 2 and Page 3 of the main block are reserved for internal
use and their contents should not be written to. Only Page 4
to Page 15 should be used to store data.
Write to Main Block, Page 4 to Page 15
Before performing a write to Page 4 through Page 15 of the
main block, the user must first unlock the EEPROM (see the
Unlock the EEPROM section).
Data in Page 4 to Page 15 of the EEPROM main block can be
programmed (written to) one byte at a time or in multiple
bytes in series using the EEPROM_DATA_xx commands
(Command 0xB0 to Command 0xBF). Before executing this
command, the user can program the offset from the page
boundary where the first byte is written using the EEPROM_
ADDR_OFFSET command (Command 0xD3).
If the targeted page has not yet been erased, the user can erase
the page as described in the Main Block Page Erase section.
In the following example, four bytes are written to Page 9,
starting from the 256th byte of that page.
1.
Set address offset = 256.
A
S
P
AA
A
0x01
0x00
0xD3
W
7-BIT SLAVE
ADDRESS
MASTER TO SLAVE
SLAVE TO MASTER
2.
Write four bytes to Page 9.
A
SA
A
BYTE COUNT =
4
0xB9
W
7-BIT SLAVE
ADDRESS
MASTER TO SLAVE
SLAVE TO MASTER
P
A
A...
DATA BYTE 1
DATA BYTE 4
Note that the block write command can write a maximum of
256 bytes for any single transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com