Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1053 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP1053
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP1053 Datasheet HTML 17Page - Analog Devices ADP1053 Datasheet HTML 18Page - Analog Devices ADP1053 Datasheet HTML 19Page - Analog Devices ADP1053 Datasheet HTML 20Page - Analog Devices ADP1053 Datasheet HTML 21Page - Analog Devices ADP1053 Datasheet HTML 22Page - Analog Devices ADP1053 Datasheet HTML 23Page - Analog Devices ADP1053 Datasheet HTML 24Page - Analog Devices ADP1053 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
Data Sheet
ADP1053
Rev. A | Page 21 of 84
LIGHT LOAD MODE AND PHASE SHEDDING
The ADP1053 can be configured to disable PWM outputs under
light load conditions based on the value of CS2_A and CS2_B.
This function is programmed in Register 0xFE69 (for Channel A)
and Register 0xFE6A (for Channel B) and can be used to imple-
ment phase shedding for multiphase operation. The light load
condition flags, LIGHTLOAD_A (Bit 1 of Register 0xFEC0) and
LIGHTLOAD_B (Bit 1 of Register 0xFEC1), are based on the
reading of CS2_A and CS2_B, respectively.
The light load current thresholds can be programmed indepen-
dently with Bits[3:0] of Register 0xFE1A and Register 0xFE1B.
Each LSB of the threshold setting represents 64 LSBs of the
12-bit CS2_A/CS2_B readings. Because the input range of the
CS2_A/CS2_B ADCs is 120 mV, each LSB of the threshold is
equal to 1.875 mV. When Bits[3:0] are set to 0, the light load
flag remains cleared.
Hysteresis is added to avoid switching between normal mode
and light load mode. The threshold setting is the value that
causes the part to enter light load mode. The value to exit light
load mode is 2.8125 mV (96 LSBs) greater than the threshold to
enter light load mode.
For example, in a system with a 2 mΩ sensing resistor, Bits[3:0]
of Register 0xFE1A are set to 1001 (9 decimal). Therefore, the
threshold to enter light load mode is
ILIGHTLOAD_IN = 9 × 1.875 mV/2 mΩ = 8.44 A
where ILIGHTLOAD_IN is the output current below which the part
enters light load mode.
The threshold to exit light load mode and enter forced PWM
mode is
ILIGHTLOAD_OUT = (9 × 1.875 mV + 2.8125 mV)/2 mΩ = 9.84 A
where ILIGHTLOAD_OUT is the output current above which the part
exits light load mode.
When a channel enters light load mode, the following actions
take place:
•
The LIGHTLOAD_A/LIGHTLOAD_B flag is set.
•
The configured PWM outputs (programmable using
Register 0xFE69 and Register 0xFE6A) are disabled.
•
The feedback digital filter changes to the values for the
light load condition.
When a channel exits light load mode, the light load flag is
cleared, the disabled PWM outputs are reenabled, and the
feedback filter changes back to the values for normal mode.
The signal at the FLGO/SYNO pin can be configured as a flag
output by setting Bit 3 of Register 0xFE0F. This signal can be
programmed to respond to either the LIGHTLOAD_A or
LIGHTLOAD_B flag using Bit 4 of Register 0xFE0F. The
polarity of the FLGO/SYNO pin can be set to inverted or
noninverted using Bit 5 of Register 0xFE0F.
ADP1053
VOUT
FLGO/SYNO
DRIVER
DRIVER
PWM OUTPUTS
Figure 20. Phase Shedding in Dual-Phase Buck Controller
POWER-GOOD SIGNALS
Each regulated channel of the ADP1053 has a power-good pin:
PGOOD_A for Channel A and PGOOD_B for Channel B. The
PGOOD_A or PGOOD_B fault flag (Bit 6 of Register 0xFEC0
or Register 0xFEC1) is set when the EEPROM_CRC, POWER_
SUPPLY_x, UVP_x, or SOFTSTART_FILTER_x flag is set. The
ACSNS and OTWx flags can also be included in the setting of
the PGOOD_A and PGOOD_B flags.
An overvoltage or overcurrent event does not directly trigger
PGOOD_x, but it can trigger a POWER_SUPPLY_x fault that
in turn triggers PGOOD_x. For example, if an overcurrent
condition sets the OCP flag and the configured response to
the OCP flag is to disable the appropriate PWM outputs, thus
causing the power supply output to fall, a POWER_SUPPLY_x
fault can be triggered that in turn triggers PGOOD_x. In the
same way, an overvoltage condition can also indirectly trigger
PGOOD_x.
The PGOOD_A and PGOOD_B pins are open-drain, active low
pins. The on and off debounce times for the PGOOD_A and
PGOOD_B fault flags are programmable for each flag at 0 ms,
200 ms, 320 ms, or 600 ms using Register 0xFE09.
SOFT START AND SHUTDOWN
PSON Control
The turning on and off of regulated Channel A is controlled by
the hardware PSON_A pin and/or the software PSON_A register,
depending on the configured settings in Register 0xFE79. In the
same way, the turning on and off of regulated Channel B is con-
trolled by the hardware PSON_B pin and/or the software PSON_B
register, depending on the configured settings in Register 0xFE7A.
The PSON_A and PSON_B pins and registers can be controlled
independently by different enable signals. The pins can also be
tied together and triggered by the same signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com