Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1053 Datasheet (PDF) - Analog Devices

ADP1053 Datasheet PDF - Analog Devices
Part # ADP1053
Download  ADP1053 Download
File Size   1441.35 Kbytes
Page   84 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3-Channel Digital

ADP1053 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP1053 Datasheet PDF - Analog Devices

Part # ADP1053
Download  ADP1053 Click to download

File Size   1441.35 Kbytes
Page   84 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3-Channel Digital

ADP1053 Datasheet (HTML) - Analog Devices


ADP1053 Product details

GENERAL DESCRIPTION

The ADP1053, based on a voltage mode PWM architecture, is a flexible, application dedicated digital controller designed for isolated and nonisolated dc-to-dc power supply applications. The ADP1053 enables highly efficient power supply design and facilitates the introduction of intelligent power management techniques to improve energy efficiency at a system level.



FEATURES

Configurable 8-PWM engine with up to 3 channels

2 independent digitally controlled channel outputs

Voltage mode PWM control with 625 ps resolution

Remote voltage sensing on both channels

Programmable compensation filters

Voltage feedforward option

Flexible start-up sequencing and tracking

Switching frequency: 50 kHz to 625 kHz

Frequency synchronization

Independent channel protections: OVP and OCP

2 independent OTP circuits

Programmable fault protection sequence

Volt-second balance and dual-phase current balance for interleaved configurations

On-board EEPROM

PMBus-compliant

Graphical user interface (GUI) for ease of programming

Available in a 40-lead, 6 mm × 6 mm LFCSP



APPLICATIONS

AC-to-DC power supplies

Isolated dc-to-dc power supplies

Intermediate rail power supplies

Nonisolated dc-to-dc power converter




Similar Part No. - ADP1053

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1050 AD-ADP1050 Datasheet
1Mb / 93P
Versatile digital voltage mode controller
Rev. A
ADP1050ACPZ-R7 AD-ADP1050ACPZ-R7 Datasheet
1Mb / 93P
Versatile digital voltage mode controller
Rev. A
ADP1050ACPZ-RL AD-ADP1050ACPZ-RL Datasheet
1Mb / 93P
Versatile digital voltage mode controller
Rev. A
ADP1050DC1-EVALZ AD-ADP1050DC1-EVALZ Datasheet
1Mb / 93P
Versatile digital voltage mode controller
Rev. A
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
More results


Similar Description - ADP1053

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5255 AD-AD5255 Datasheet
626Kb / 20P
3-Channel Digital Potentiometer with Nonvolatile Memory
7/04-Revision 0
ADN2860 AD-ADN2860 Datasheet
290Kb / 20P
3-Channel Digital Potentiometer with Nonvolatile Memory
11/04-Rev. 0 to Rev. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
3 kV RMS Dual Channel Digital Isolators
REV. A
AD5255 AD-AD5255_15 Datasheet
463Kb / 20P
3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860 AD-ADN2860_15 Datasheet
403Kb / 20P
3-Channel Digital Potentiometer with Nonvolatile Memory
REV. B
logo
WAGO Kontakttechnik Gmb...
750-1405 WAGO-750-1405 Datasheet
566Kb / 12P
16-channel digital input; 24 VDC; 3 ms
753-402 WAGO-753-402 Datasheet
542Kb / 11P
4-channel digital input; 24 VDC; 3 ms
753-429 WAGO-753-429 Datasheet
520Kb / 12P
2-channel digital input; 60 VDC; 3 ms
logo
ON Semiconductor
NCID9301 ONSEMI-NCID9301 Datasheet
286Kb / 16P
High Speed 3-Channel Digital Isolator
January, 2022 - Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com