Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6516 Datasheet(PDF) 22 Page - Analog Devices

Part # ADRF6516
Description  31 MHz, Dual Programmable Filters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6516 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADRF6516 Datasheet HTML 18Page - Analog Devices ADRF6516 Datasheet HTML 19Page - Analog Devices ADRF6516 Datasheet HTML 20Page - Analog Devices ADRF6516 Datasheet HTML 21Page - Analog Devices ADRF6516 Datasheet HTML 22Page - Analog Devices ADRF6516 Datasheet HTML 23Page - Analog Devices ADRF6516 Datasheet HTML 24Page - Analog Devices ADRF6516 Datasheet HTML 25Page - Analog Devices ADRF6516 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ADRF6516
Data Sheet
Rev. B | Page 22 of 32
SERIAL PORT CONNECTIONS
The ADRF6516 has a SPI port to control the gain and filter band-
width settings. Data can be written to the internal 8-bit register
and read from the register. It is recommended that low-pass RC
filtering be placed on the SPI lines to filter out any high frequency
glitches. See Figure 58, the evaluation board schematic, for an
example of a low-pass RC filter.
ENABLE/DISABLE FUNCTION
To enable the ADRF6516, the ENBL pin must be pulled high.
Driving the ENBL pin low disables the device, reducing current
consumption to approximately 9 mA at room temperature.
ERROR VECTOR MAGNITUDE (EVM) PERFORMANCE
Error vector magnitude (EVM) is a measure used to quantify
the performance of a digital radio transmitter or receiver by
measuring the fidelity of the digital signal transmitted or
received. Various imperfections in the link, such as magnitude
and phase imbalance, noise, and distortion, cause the
constellation points to deviate from their ideal locations.
In general, a receiver exhibits three distinct EVM limitations
vs. received input signal power. As signal power increases, the
distortion components increase.
•
At large enough signal levels, where the distortion compo-
nents due to the harmonic nonlinearities in the device are
falling in-band, EVM degrades as signal levels increase.
•
At medium signal levels, where the signal chain behaves
in a linear manner and the signal is well above any notable
noise contributions, EVM has a tendency to reach an opti-
mal level determined dominantly by either the quadrature
accuracy and IQ gain match of the signal chain or the
precision of the test equipment.
•
As signal levels decrease, such that noise is a major con-
tributor, EVM performance vs. the signal level exhibits
a decibel-for-decibel degradation with decreasing signal
level. At these lower signal levels, where noise is the
dominant limitation, decibel EVM is directly proportional
to the SNR.
EVM TEST SETUP
The basic setup to test EVM for the ADRF6516 consisted of an
Agilent E4438C used as a signal source and a Hewlett-Packard
89410A vector signal analyzer (VSA) used to sample and calculate
the EVM of the signal. The E4438C IQ baseband differential
outputs drove the ADRF6516 inputs. The I and Q outputs of the
ADRF6516 were loaded with 1 kΩ differential impedances and
connected differentially to two AD8130 differential amplifiers to
convert the signals into single-ended signals. The single-ended
signals were connected to the input channels of the VSA.
EFFECT OF FILTER BANDWIDTH ON EVM
Care should be taken when selecting the filter bandwidth. In
a digital transceiver, the modulated signal is filtered by a pulse
shaping filter (such as a root-raised cosine filter) at both the
transmit and receive ends to guard against intersymbol inter-
ference (ISI). If additional filtering of the modulated signal is
done, the signal must be within the pass band of the filter. When
the corner frequency of the ADRF6516 filter begins to encroach
on the modulated signal, ISI is introduced and degrades EVM,
which can lead to loss of signal lock.
Figure 52 shows that a digitally modulated QAM baseband
signal with a bandwidth at 9.45 MHz has excellent EVM even
at a filter corner frequency of 8 MHz. Further reduction in the
corner frequency leads to complete loss of lock. As RF input
power was swept, the ADRF6516 attained an EVM of less than
−45 dB over an input power range of approximately 20 dB.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
–25
–20
–15
–10
–5
0
5
RF INPUT POWER (dBm)
30MHz
15MHz
10MHz
9MHz
8MHz
GAIN VOLTAGE
Figure 52. EVM vs. RF Input Power at Several Filter Corner Settings
(256-QAM, 14 MSPS Signal with α = 0.35; Output Differential Signal Level
Held to 700 mV p-p; OFDS Pulled High)
Figure 53 shows the degradation that a fixed filter corner has
on EVM as the signal bandwidth corner is increased in fine
increments until loss of signal lock occurs.
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
3
4
5
6
7
8
9
10
SIGNAL BANDWIDTH CORNER (MHz)
FILTER BANDWIDTH CORNER
Figure 53. EVM vs. Signal Bandwidth Corner at a Filter Corner of 5 MHz
and a 16-QAM Signal with α = 0.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com