Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6516 Datasheet(PDF) 28 Page - Analog Devices

Part # ADRF6516
Description  31 MHz, Dual Programmable Filters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6516 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADRF6516 Datasheet HTML 24Page - Analog Devices ADRF6516 Datasheet HTML 25Page - Analog Devices ADRF6516 Datasheet HTML 26Page - Analog Devices ADRF6516 Datasheet HTML 27Page - Analog Devices ADRF6516 Datasheet HTML 28Page - Analog Devices ADRF6516 Datasheet HTML 29Page - Analog Devices ADRF6516 Datasheet HTML 30Page - Analog Devices ADRF6516 Datasheet HTML 31Page - Analog Devices ADRF6516 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ADRF6516
Data Sheet
Rev. B | Page 28 of 32
Components
Function
Default Conditions
P2
Enable interface. The ADRF6516 is powered up by applying a logic
high voltage to the ENBL pin (Jumper P2 is connected to VPS).
P2 = installed for enable
P1, C28, C29, R1, R29, R30, R33,
R34
Serial control interface. The digital interface sets the corner
frequency, the preamplifier gain, the postamplifier gain, and the VGA
maximum gain of the device using the serial interface via the LE, CLK,
DATA, and SDO pins. RC filter networks are provided on the CLK and
LE lines to filter the PC signals. CLK, DATA, and LE signals can be
observed via SMB connectors for debug purposes.
P1 = installed
R1 = 10 kΩ (Size 0402)
C28, C29 = 330 pF (Size 0402)
R29, R30 = 100 Ω (Size 0402)
R33, R34 = 0 Ω (Size 0402)
P4, C13, C14, R3
DC offset compensation loop. The dc offset compensation loop is
enabled (low) with Jumper P4. When enabled, the C13 and C14
capacitors are connected to circuit common. The high-pass corner
frequency is expressed as follows:
fHP (Hz) = 6.7 × (Post Filter Linear Gain/COFS (µF))
P4 = installed
C13, C14 = 1000 pF (Size 0402)
R3 = 10 kΩ (Size 0402)
C27
Input common-mode setpoint. The input common-mode voltage
can be set externally when applied to the VICM pin. If the VICM pin is
left open, the input common-mode voltage defaults to VPS/2.
C27 = 0.1 µF (Size 0402)
C18, R6
Output common-mode setpoint. The output common-mode voltage
can be set externally when applied to the VOCM pin. If the VOCM pin
is left open, the output common-mode voltage defaults to VPS/2.
C18 = 0.1 µF (Size 0402)
R6 = 0 Ω (Size 0402)
C17, R5
Analog gain control. The range of the GAIN pin is from 0 V to 1 V,
creating a gain scaling of 15 mV/dB.
C17 = 0.1 µF (Size 0402)
R5 = 0 Ω (Size 0402)
U2, U3, U4, P5
Cypress Microcontroller, EEPROM, and LDO
U2 = Microchip MICRO24LC64
U3 = Analog Devices
ADP3334ACPZ
U4 = Cypress Semiconductor
CY7C68013A-56LTXC
P5 = Mini USB connector
C35, C36, C40, C41, C42, C44,
C46
3.3 V supply decoupling. Several capacitors are used for decoupling
on the 3.3 V supply.
C35, C36, C40, C41, C42, C44, C46
= 0.1 µF (0402)
C48, C49, C45, C56, C57, C58,
R59, R60, R61, R62, R64, CR2
Cypress and EEPROM components.
C57, C48 = 10 pF (0402)
C56, C58, C45, C49 = 0.1 µF
(0402)
R59, R60, R61 = 2 kΩ (0402)
R62, R64 = 100 kΩ (0402)
CR2 = ROHM SML-21OMTT86
C47, C50, C52, R65, R69, R70,
CR1
LDO components
C47, C52 = 1 µF (0402)
C50 = 1000 pF (0402)
R65 = 2 kΩ (0402)
R69 = 78.7 kΩ (0402)
R70 = 140 kΩ (0402)
CR1 = ROHM SML-21OMTT86
Y1, C51, C54
Crystal oscillator and components. 24 MHz crystal oscillator.
Y1 = NDK NX3225SA-24MHz
C51, C54 = 22 pF (0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com