Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6516 Datasheet(PDF) 25 Page - Analog Devices

Part # ADRF6516
Description  31 MHz, Dual Programmable Filters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6516 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADRF6516 Datasheet HTML 21Page - Analog Devices ADRF6516 Datasheet HTML 22Page - Analog Devices ADRF6516 Datasheet HTML 23Page - Analog Devices ADRF6516 Datasheet HTML 24Page - Analog Devices ADRF6516 Datasheet HTML 25Page - Analog Devices ADRF6516 Datasheet HTML 26Page - Analog Devices ADRF6516 Datasheet HTML 27Page - Analog Devices ADRF6516 Datasheet HTML 28Page - Analog Devices ADRF6516 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Data Sheet
ADRF6516
Rev. B | Page 25 of 32
SCHEMATICS AND ARTWORK
ADRF6516
VPS
P2
VPSD
C4
0.1µF
VPS
VPS
VPS
R3
10kΩ
P4
VPS
VICM
C12
0.1µF
C14
1000pF
C5
0.1µF
VPS
R12
OPEN
R11
OPEN
R14
OPEN
R13
OPEN
R37
OPEN
R20
0Ω
R19
0Ω
T3
R41
0Ω
R39
OPEN
VPOSD
C1
10µF
C2
10µF
L1
L2
33µH
33µH
VPOS
DIG_VPOS
VPOS
COM
COMD
C20
100nF
R8
0Ω
C19
100nF
C16
0.1µF
R7
0Ω
R5
0Ω
R6
0Ω
C22
R10
0Ω
C21
100nF
100nF
C18
0.1µF
C17
0.1µF
R9
0Ω
OPP1
OPM1_SE_P
OPP2
OPM2_SE_P
R35
0Ω
C24
0.1µF
C23
0.1µF
R51
OPEN
R52
OPEN
R42
0Ω
R38
OPEN
R36
0Ω
T4
R40
OPEN
VPS
C15
0.1µF
C13
1000pF
R32
R46
OPEN
R49
0Ω
0Ω
C3
0.1µF
R53
0Ω
C7
100nF
C8
100nF
C11
0.1µF
R54
0Ω
R50
0Ω
R44
OPEN
T2
INP2
INM2_SE_P
INM1_SE_P
INP1
R31
0Ω
R45
OPEN
R47
1
3
4
6
2
1
3
4
6
2
0Ω
C6
0.1µF
R56
OPEN
R55
OPEN
R57
0Ω
C9
100nF
C10
100nF
R58
0Ω
T1
R48
0Ω
R43
OPEN
LE
CLK
DATA
SDO
C29
330pF
R29
100Ω
R30
100Ω
R33
C30
330pF
R34
0Ω
0Ω
R1
10kΩ
C27
0.1µF
VGAIN
VGAIN
VOCM
VOCM
VPSD
COMD
LE
CLK
DATA
SDO
COM
VPS
OPP1
OPM1
COM
GAIN
VOCM
COM
OPM2
OPP2
COM
INP2
INM2
VPS
COM
OFDS
OFS2
VPS
INP1
INM1
VPS
COM
VICM
OFS1
VPS
ENBL
Figure 58. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com