Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5024ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5024ACPZ-R7
Description  Dual 3 MHz, 1200 mA Buck
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5024ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP5024ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP5024ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP5024ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP5024ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5024ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5024ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5024ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5024ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5024ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
ADP5024
Rev. A | Page 5 of 28
LDO SPECIFICATIONS
VIN3 = (VOUT3 + 0.5 V) or 1.7 V (whichever is greater) to 5.5 V; CIN = COUT = 1 µF; TJ = −40°C to +125°C for minimum/maximum
specifications, and TA = 25°C for typical specifications, unless otherwise noted.1
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN3
1.7
5.5
V
OPERATING SUPPLY CURRENT
Bias Current per LDO2
IVIN3BIAS
IOUT3 = 0 µA
10
30
µA
IOUT3 = 10 mA
60
100
µA
IOUT3 = 300 mA
165
245
µA
Total System Input Current
IIN
Includes all current into AVIN, VIN1,
VIN2, and VIN3
LDO Only
IOUT3 = 0 µA, all other channels
disabled
53
µA
OUTPUT CHARACTERISTICS
Output Voltage Accuracy
ΔVOUT3/VOUT3
100 µA < IOUT3 < 300 mA
−3
+3
%
Line Regulation
(ΔVOUT3/VOUT3)/ΔVIN3
IOUT3 = 1 mA
−0.03
+0.03
%/V
Load Regulation3
(ΔVOUT3/VOUT3)/ΔIOUT3
IOUT3 = 1 mA to 300 mA
0.001
0.003
%/mA
VOLTAGE FEEDBACK
VFB3
0.485
0.5
0.515
V
DROPOUT VOLTAGE4
VDROPOUT
VOUT3 = 5.2 V, IOUT3 = 300 mA
50
mV
VOUT3 = 3.3 V, IOUT3 = 300 mA
75
140
VOUT3 = 2.5 V, IOUT3 = 300 mA
100
mV
VOUT3 = 1.8 V, IOUT3 = 300 mA
180
mV
CURRENT-LIMIT THRESHOLD5
ILIMIT3
335
600
mA
ACTIVE PULL-DOWN
RPDWN-L
Channel disabled
600
Ω
OUTPUT NOISE
Regulator LDO
NOISELDO
10 Hz to 100 kHz, VIN3 = 5 V, VOUT3 = 2.8 V
100
µV rms
POWER SUPPLY REJECTION
RATIO
PSRR
Regulator LDO
10 kHz, VIN3 = 3.3 V, VOUT3 = 2.8 V,
IOUT3 = 1 mA
60
dB
100 kHz, VIN3 = 3.3 V, VOUT3 = 2.8 V,
IOUT3 = 1 mA
62
dB
1 MHz, VIN3 = 3.3 V, VOUT3 = 2.8 V,
IOUT3 = 1 mA
63
dB
1
All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
2
This is the input current into VIN3, which is not delivered to the output load.
3
Based on an endpoint calculation using 1 mA and 300 mA loads.
4
Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. This applies only to output voltages
above 1.7 V.
5
Current-limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 3.0 V
output voltage is defined as the current that causes the output voltage to drop to 90% of 3.0 V or 2.7 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com