Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5024ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5024ACPZ-R7
Description  Dual 3 MHz, 1200 mA Buck
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5024ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5024ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP5024ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP5024ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5024ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5024ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5024ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5024ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5024ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5024ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADP5024
Data Sheet
Rev. A | Page 6 of 28
INPUT AND OUTPUT CAPACITOR, RECOMMENDED SPECIFICATIONS
TA = −40°C to +125°C, unless otherwise specified.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
NOMINAL INPUT AND OUTPUT CAPACITOR RATINGS
BUCK1, BUCK2 Input Capacitor Ratings
CMIN1, CMIN2
4.7
40
µF
BUCK1, BUCK2 Output Capacitor Ratings
CMIN1, CMIN2
10
40
µF
LDO1 Input and Output Capacitor Ratings
CMIN3, CMIN4
1.0
µF
CAPACITOR ESR
RESR
0.001
1
Ω
1
The minimum input and output capacitance should be greater than 0.70 µF over the full range of operating conditions. The full range of operating conditions in the
application must be considered during device selection to ensure that the minimum capacitance specification is met. X7R- and X5R-type capacitors are
recommended; Y5V and Z5U capacitors are not recommended for use because of their poor temperature and dc bias characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com