Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5024ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP5024ACPZ-R7
Description  Dual 3 MHz, 1200 mA Buck
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5024ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP5024ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5024ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5024ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5024ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5024ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP5024ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP5024ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP5024ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP5024ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Data Sheet
ADP5024
Rev. A | Page 27 of 28
TYPICAL APPLICATION SCHEMATICS
VIN1
VIN3
EN1
PWM
PSM/PWM
2.3V TO
5.5V
SW1
FB1
VOUT1
PGND1
MODE
C5
10µF
VOUT1 AT
1200mA
L1 1µH
EN1
BUCK1
MODE
C3
1µF
C2
4.7µF
C1
4.7µF
AVIN
CAVIN
0.1µF
VIN2
EN2
AGND
EN2
BUCK2
MODE
EN3
1.7V TO
5.5V
ON
OFF
ON
OFF
EN3
LDO
(ANALOG)
ADP5024
HOUSEKEEPING
SW2
FB2
VOUT2
PGND2
C6
10µF
VOUT2 AT
1200mA
L2 1µH
FB3
VOUT3
C7
1µF
VOUT3 AT
300mA
Figure 52. Fixed Output Voltages with Enable Pins
VIN1
VIN3
EN1
PWM
PSM/PWM
2.3V TO
5.5V
SW1
FB1
R2
R1
VOUT1
PGND1
MODE
C5
10µF
VOUT1 AT
1200mA
L1 1µH
EN1
BUCK1
MODE
C3
1µF
C2
4.7µF
C1
4.7µF
AVIN
CAVIN
0.1µF
VIN2
EN2
AGND
EN2
BUCK2
MODE
EN3
1.7V TO
5.5V
ON
OFF
ON
OFF
EN3
LDO
(ANALOG)
ADP5024
HOUSEKEEPING
SW2
FB2
R4
R3
VOUT2
PGND2
C6
10µF
VOUT2 AT
1200mA
L2 1µH
FB3
R6
R5
VOUT3
C7
1µF
VOUT3 AT
300mA
Figure 53. Adjustable Output Voltages with Enable Pins
BILL OF MATERIALS
Table 12.
Reference
Value
Part Number
Vendor
Package or Dimension (mm)
CAVIN
0.1 µF, X5R, 6.3 V
JMK105BJ104MV-F
Taiyo-Yuden
0402
C3, C7
1 µF, X5R, 6.3 V
LMK105BJ105MV-F
Taiyo-Yuden
0402
C1, C2
4.7 µF, X5R, 6.3 V
ECJ-0EB0J475M
Panasonic-ECG
0402
C5, C6
10 µF, X5R, 6.3 V
JMK107BJ106MA-T
Taiyo-Yuden
0603
L1, L2
1 µH, 0.18 Ω, 850 mA
BRC1608T1R0M
Taiyo-Yuden
0603
1 µH, 0.085 Ω, 1400 mA
LQM2MPN1R0NG0B
Murata
2.0 × 1.6 × 0.9
1 µH, 0.059 Ω, 900 mA
EPL2014-102ML
Coilcraft
2.0 × 2.0 × 1.4
1 µH, 0.086 Ω, 1350 mA
MDT2520-CN
Toko
2.5 × 2.0 × 1.2
IC1
Three-regulator microPMU
ADP5024
Analog Devices
24-lead LFCSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com