Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2932 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2932
Description  High Efficiency, Ground-Referenced
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2932 Datasheet(HTML) 1 Page - Analog Devices

  SSM2932 Datasheet HTML 1Page - Analog Devices SSM2932 Datasheet HTML 2Page - Analog Devices SSM2932 Datasheet HTML 3Page - Analog Devices SSM2932 Datasheet HTML 4Page - Analog Devices SSM2932 Datasheet HTML 5Page - Analog Devices SSM2932 Datasheet HTML 6Page - Analog Devices SSM2932 Datasheet HTML 7Page - Analog Devices SSM2932 Datasheet HTML 8Page - Analog Devices SSM2932 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Efficiency, Ground-Referenced
Class-G Headphone Amplifier
Data Sheet
SSM2932
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
Ground-referenced Class-G output stage
Very high efficiency for portable applications
1.7 mA typical quiescent current
50 mW per channel into 16 Ω load (with 3.3 V supply)
98 dB signal-to-noise ratio (SNR), A-weighted
90 dB power supply rejection ratio at 217 Hz
2.5 V to 3.6 V supply range
Selectable gain: 0 dB or 6 dB
High-Z output mode for sharing of output jack
1 μA shutdown current
Short-circuit protection
Pop-and-click reduction circuitry
8 kV ESD protection on output terminals
16
-ball, 0.4 mm pitch WLCSP (1.64 mm × 1.64 mm)
−40°C to +85°C operating temperature range
APPLICATIONS
Cell phones
Smartphones/multimedia phones
Digital cameras
Portable media players
Phone accessories
PDAs
GENERAL DESCRIPTION
The SSM2932 is a stereo headphone amplifier capable of
delivering 50 mW of continuous output power per channel
into 16 Ω single-ended loads at the 1% THD + N threshold.
The stereo headphone drivers are high efficiency, true ground-
referenced Class-G technology.
The SSM2932 incorporates a gain control pin that selects a gain
of 0 dB or 6 dB. The ground-referenced output scheme eliminates
the need for large dc blocking capacitors, reducing system cost
and board area. The Class-G amplifier is fine-tuned to maximize
battery life, a critical task in portable applications. The device
maximizes battery life by modulating the amplifier power supply
rail to match the output demand without consuming excessive
supply current, thus reducing power dissipation during typical
audio playback.
The SSM2932 is specified over the industrial temperature range
of −40°C to +85°C. It has output short-circuit protection as well
as ESD protection to 8 kV (human body model). The SSM2932
is available in a 16-ball, 1.64 mm × 1.64 mm wafer level chip
scale package (WLCSP).
FUNCTIONAL BLOCK DIAGRAM
POR
GAIN
POWER
MANAGEMENT
PGA
PGA
POP/
CLICK
CURRENT
LIMIT
SSM2932
OUTL
SGND
OUTR
INL+
INL–
INR+
INR–
PGND
PVDD
Figure 1.


Similar Part No. - SSM2932

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
SSM29APT CHENMKO-SSM29APT Datasheet
66Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SSM29PT CHENMKO-SSM29PT Datasheet
83Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SSM2932

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4917 NSC-LM4917 Datasheet
1Mb / 18P
Ground-Referenced, 95mW Stereo Headphone Amplifier
LM4953 NSC-LM4953 Datasheet
663Kb / 11P
Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
New Japan Radio
NJU72011 NJRC-NJU72011 Datasheet
205Kb / 15P
2Vrms Ground Referenced Stereo Line Amplifier with LPF
NJU72040 NJRC-NJU72040 Datasheet
289Kb / 19P
Ground Referenced Stereo Headphone Amplifier
NJU72013 NJRC-NJU72013 Datasheet
174Kb / 10P
2Vrms Ground Referenced Stereo Line Amplifier with LPF
NJW1240 NJRC-NJW1240 Datasheet
235Kb / 12P
5Vrms Ground Referenced 6-Channel Line Amplifier
logo
Texas Instruments
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM48861 TI1-LM48861 Datasheet
851Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Nuvoton Technology Corp...
NAU88L21 NUVOTON-NAU88L21 Datasheet
1Mb / 69P
Ultra-Low Power Audio CODEC Ground-Referenced Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com