Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2932 Datasheet(PDF) 10 Page - Analog Devices

Part # SSM2932
Description  High Efficiency, Ground-Referenced
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2932 Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM2932 Datasheet HTML 6Page - Analog Devices SSM2932 Datasheet HTML 7Page - Analog Devices SSM2932 Datasheet HTML 8Page - Analog Devices SSM2932 Datasheet HTML 9Page - Analog Devices SSM2932 Datasheet HTML 10Page - Analog Devices SSM2932 Datasheet HTML 11Page - Analog Devices SSM2932 Datasheet HTML 12Page - Analog Devices SSM2932 Datasheet HTML 13Page - Analog Devices SSM2932 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SSM2932
Data Sheet
Rev. 0 | Page 10 of 16
00
250
200
150
50
100
0
020
40
60
80
1
TOTAL OUTPUT POWER (mW)
Figure 21. Power Consumption vs. Output Power, PVDD = 3.0 V, RL = 32 Ω
140
120
100
80
40
60
20
0
020
40
60
80
1
TOTAL OUTPUT POWER (mW)
00
Figure 22. Power Dissipation vs. Output Power, PVDD = 3.0 V, RL = 32 Ω
100
10
1
10
100
1k
LOAD RESISTANCE (Ω)
PVDD = 2.5V
PVDD = 3.3V
Figure 23. Maximum Output Power per Channel vs. Load Resistance,
Flying Capacitor = 1 μF, THD + N = 1%
350
300
250
200
100
150
50
0
020
40
60
80
1
TOTAL OUTPUT POWER (mW)
00
Figure 24. Power Consumption vs. Output Power, PVDD = 3.0 V, RL = 16 Ω
250
200
150
50
100
0
020
40
60
80
1
TOTAL OUTPUT POWER (mW)
00
Figure 25. Power Dissipation vs. Output Power, PVDD = 3.0 V, RL = 16 Ω
1.72
1.70
1.68
1.66
1.64
1.62
1.60
2.5
2.7
2.9
3.1
3.3
3.5
SUPPLY VOLTAGE (V)
RL = 32Ω
RL = 16Ω
Figure 26. Quiescent Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com