Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2932 Datasheet(PDF) 9 Page - Analog Devices

Part # SSM2932
Description  High Efficiency, Ground-Referenced
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2932 Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM2932 Datasheet HTML 5Page - Analog Devices SSM2932 Datasheet HTML 6Page - Analog Devices SSM2932 Datasheet HTML 7Page - Analog Devices SSM2932 Datasheet HTML 8Page - Analog Devices SSM2932 Datasheet HTML 9Page - Analog Devices SSM2932 Datasheet HTML 10Page - Analog Devices SSM2932 Datasheet HTML 11Page - Analog Devices SSM2932 Datasheet HTML 12Page - Analog Devices SSM2932 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
SSM2932
Rev. 0 | Page 9 of 16
170
150
130
110
90
70
50
2.5
2.7
2.9
3.1
3.3
3.5
SUPPLY VOLTAGE (V)
THD + N = 1%
THD + N = 10%
Figure 15. Output Power vs. Supply Voltage, RL = 32 Ω
0.2
0.1
0
–0.1
–0.2
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 16. Frequency Response, PVDD = 3.0 V
–75
–80
–85
–90
–95
–100
–105
–110
–115
10
100
1k
10k
100k
FREQUENCY (Hz)
RIGHT TO LEFT
LEFT TO RIGHT
Figure 17. Channel Separation vs. Frequency, PVDD = 3.0 V, RL = 32 Ω
210
190
170
150
130
90
110
30
50
70
2.5
2.7
2.9
3.1
3.3
3.5
SUPPLY VOLTAGE (V)
THD + N = 1%
THD + N = 10%
Figure 18. Output Power vs. Supply Voltage, RL = 16 Ω
100k
1k
10k
100
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 19. High-Z Mode Output Impedance vs. Frequency
–55
–60
–65
–70
–75
–80
–85
–90
–95
10
100
1k
10k
100k
FREQUENCY (Hz)
RIGHT TO LEFT
LEFT TO RIGHT
Figure 20. Channel Separation vs. Frequency, PVDD = 3.0 V, RL = 16 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com