Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4520ARZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADR4520ARZ-R7
Description  Ultralow Noise, High Accuracy
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4520ARZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADR4520ARZ-R7 Datasheet HTML 24Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 25Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 26Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 27Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 28Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 29Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 30Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 31Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
Data Sheet
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Rev. 0 | Page 31 of 32
APPLICATIONS INFORMATION
BASIC VOLTAGE REFERENCE CONNECTION
The circuit shown in Figure 94 illustrates the basic configuration
for the ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/
ADR4550 family of voltage references.
Figure 94. ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Simplified Schematic
INPUT AND OUTPUT CAPACITORS
Input Capacitors
A 1 μF to 10 μF electrolytic or ceramic capacitor can be connected
to the input to improve transient response in applications where
the supply voltage may fluctuate. An additional 0.1 μF ceramic
capacitor should be connected in parallel to reduce supply noise.
Output Capacitors
An output capacitor is required for stability and to filter out low
level voltage noise. The minimum value of the output capacitor
is shown in Table 12.
Table 12. Minimum COUT Value
Part Number
Minimum COUT Value
ADR4520, ADR4525
1.0 µF
ADR4530, ADR4533,
ADR4540, ADR4550
0.1 µF
An additional 1 μF to 10 μF electrolytic or ceramic capacitor can be
added in parallel to improve transient performance in response to
sudden changes in load current; however, the designer should keep
in mind that doing so will increase the turn-on time of the device.
LOCATION OF REFERENCE IN SYSTEM
The ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/
ADR4550 reference should be placed as close to the load as possible
to minimize the length of the output traces and, therefore, the error
introduced by the voltage drop. Current flowing through a PCB
trace produces an IR voltage drop; with longer traces, this drop
can reach several millivolts or more, introducing considerable
error into the output voltage of the reference. A 1 inch long, 5 mm
wide trace of 1 ounce copper has a resistance of approximately
100 mΩ at room temperature; at a load current of 10 mA, this
can introduce a full millivolt of error.
SAMPLE APPLICATIONS
Bipolar Output Reference
Figure 95 shows a bipolar reference configuration. By connecting
the output of the ADR4550 to the inverting terminal of an
operational amplifier, it is possible to obtain both positive and
negative reference voltages. R1 and R2 must be matched as closely
as possible to ensure minimal difference between the negative
and positive outputs. Resistors with low temperature coefficients
must also be used if the circuit is used in environments with large
temperature swings; otherwise, a voltage difference develops
between the two outputs as the ambient temperature changes.
Figure 95. ADR4550 Bipolar Output Reference
Boosted Output Current Reference
Figure 96 shows a configuration for obtaining higher current
drive capability from the ADR4520/ADR4525/ADR4530/
ADR4533/ADR4540/ADR4550 references without sacrificing
accuracy. The op amp regulates the current flow through the
MOSFET until VOUT equals the output voltage of the reference;
current is then drawn directly from VIN instead of from the
reference itself, allowing increased current drive capability.
Figure 96. Boosted Output Current Reference
Because the current-sourcing capability of this circuit depends only
on the ID rating of the MOSFET, the output drive capability can
be adjusted to the application simply by choosing an appropriate
MOSFET. In all cases, the VOUT pin should be tied directly to the
load device to maintain maximum output voltage accuracy.
VIN
GND
VREF
BAND GAP
VIN
+15V
–15V
–5V
+5V
ADA4000-1
0.1µF
1µF
0.1µF
R1
10kΩ
R2
10kΩ
R3
5kΩ
ADR4550
VIN
VOUT
GND
2
6
4
CL
CL
0.1µF
2N7002
AD8663
VIN
U6
VOUT
+16V
0.1µF
1µF
R1
100Ω
RL
200Ω
ADR4520/ADR4525/
ADR4530/ADR4533/
ADR4540/ADR4550
VIN
VOUT
GND
2
6
4
PART
NUMBER
MINIMUM
CL
ADR4520,
ADR4525
1.0µF
ADR4530,
ADR4533,
ADR4540,
ADR4550
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com