Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4520ARZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADR4520ARZ-R7
Description  Ultralow Noise, High Accuracy
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4520ARZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADR4520ARZ-R7 Datasheet HTML 6Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 7Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 8Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 9Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 10Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 11Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 12Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 13Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Data Sheet
Rev. 0 | Page 10 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Pin Configuration
Table 11. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NC
No Connect. This pin is not connected internally.
2
VIN
Input Voltage Connection.
3
NC
No Connect. This pin is not connected internally.
4
GND
Ground.
5
NC
No Connect. This pin is not connected internally.
6
VOUT
Output Voltage.
7
NC
No Connect. This pin is not connected internally.
8
TP
Test Pin. Do not connect.
NC
1
VIN 2
NC
3
GND
4
TP
8
NC
7
VOUT
6
NC
5
NOTES
1. NC = NO CONNECT.
2. TP = TEST PIN. DO NOT CONNECT.
ADR4520/ADR4525/
ADR4530/ADR4533/
ADR4540/ADR4550
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com