Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4520ARZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADR4520ARZ-R7
Description  Ultralow Noise, High Accuracy
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4520ARZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADR4520ARZ-R7 Datasheet HTML 23Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 24Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 25Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 26Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 27Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 28Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 29Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 30Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Rev. 0 | Page 27 of 32
Figure 85. ADR4550 Line Regulation vs. Temperature
Figure 86. ADR4550 Supply Current vs. Supply Voltage
Figure 87. ADR4550 Output Voltage Noise
(Maximum Amplitude from 0.1 Hz to 10 Hz)
Figure 88. ADR4550 Output Noise Spectral Density
Figure 89. ADR4550 Ripple Rejection Ratio vs. Frequency
Figure 90. ADR4550 Line Transient Response
TEMPERATURE (°C)
ADR4550
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–50
0
50
100
150
VIN (V)
0
900
800
700
600
500
400
300
200
100
0
2
4
6
8
10
12
16
15
14
13
1
3
5
7
9
11
–40°C
+25°C
+125°C
ADR4550
OUTPUT VOLTAGE NOISE DISTRIBUTION (µV p-p)
0
9
8
7
6
5
4
3
2
1
3.7
3.5
3.3
3.1
2.9
2.7
2.5
2.3
2.1
1.9
ADR4550
FREQUENCY (Hz)
1
1k
100
10
100k
0.01
0.1
1
10
100
1k
10k
ADR4550
FREQUENCY (Hz)
–120
0
–20
–40
–60
–80
–100
100k
0.01
0.1
1
10
100
1k
10k
ADR4550
CH1 1.00V
CH2 1.00mV
B
W
M200µs
A CH1
7.02V
2
1
ADR4550
INPUT
OUTPUT AC
CIN = 0.1µF
COUT = 1µF
T
T 12.0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com