Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF1663 Datasheet(PDF) 4 Page - Amphenol Corporation

Part # ARF1663
Description  BNC Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

ARF1663 Datasheet(HTML) 4 Page - Amphenol Corporation

  ARF1663 Datasheet HTML 1Page - Amphenol Corporation ARF1663 Datasheet HTML 2Page - Amphenol Corporation ARF1663 Datasheet HTML 3Page - Amphenol Corporation ARF1663 Datasheet HTML 4Page - Amphenol Corporation ARF1663 Datasheet HTML 5Page - Amphenol Corporation ARF1663 Datasheet HTML 6Page - Amphenol Corporation ARF1663 Datasheet HTML 7Page - Amphenol Corporation ARF1663 Datasheet HTML 8Page - Amphenol Corporation ARF1663 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
108
Amphenol® RF:
800-627-7100
BNC
BNC
.210/.230
.208/.228
.006 MIN
.003 MIN
Å.322 MAX
.385/.390
.190 MIN
REF PLANE
.414 MIN
.188/.208
.186/.206
.327/.335
.204/.208
.006 MAX
.075/.081
.015/.030
.432/.436
.378/.382
.346/.356
.327/.333
.319/.321
.256 MAX
.186 MAX
REF PLANE
50 Ω BNC Specifications (continued)
Material
Body and outer contacts
Brass, nickel plated
Male contact
Brass, gold plated
Female contact
Beryllium copper or phosphor bronze, gold or silver plated
Crimp ferrule
Copper or brass, nickel plated
Other metal parts
Brass, nickel plated (except M39012 silver plated)
Insulator
PTFE, copolymer of styrene, glass TFE (hermetically sealed)
Gasket
Silicone rubber
Military
MIL-C-39012
where applicable
Plug
Jack
75 Ω BNC Specifications
Electrical
Impedance
75 Ω nominal
Frequency range
Type 1: DC – 4 GHz (performance grade useable to 6 GHz)
Type 2: DC – 1 GHz
VSWR
Type 1: 1.5 + 0.1 f (GHz) DC – 4 GHz
Type 1 (Performance grade): 1.16 max. @ DC – 3 GHz
Type 2: 1.0 + 0.25 f (GHz) DC – 1 GHz
RF-leakage
55 dB minimum @ 3 GHz
Voltage rating (at sea level)
≥ 500 Vrms (depending on cable)
Contact resistance
center contact: ≤ 1.5 mΩ
outer contact: ≤ 0.2 mΩ
braid to body: ≤ 0.1 mΩ
Insulation resistance
5,000 MΩ minimum
Insertion loss maximum
0.2 dB max. @ 3 GHz
Dielectric withstanding voltage
1,500 Vrms (at sea level)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com