Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF1663 Datasheet(PDF) 5 Page - Amphenol Corporation

Part # ARF1663
Description  BNC Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

ARF1663 Datasheet(HTML) 5 Page - Amphenol Corporation

  ARF1663 Datasheet HTML 1Page - Amphenol Corporation ARF1663 Datasheet HTML 2Page - Amphenol Corporation ARF1663 Datasheet HTML 3Page - Amphenol Corporation ARF1663 Datasheet HTML 4Page - Amphenol Corporation ARF1663 Datasheet HTML 5Page - Amphenol Corporation ARF1663 Datasheet HTML 6Page - Amphenol Corporation ARF1663 Datasheet HTML 7Page - Amphenol Corporation ARF1663 Datasheet HTML 8Page - Amphenol Corporation ARF1663 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
109
Amphenol® RF:
800-627-7100
BNC
BNC
Mechanical
Mating
2-stud bayonet lock coupling (MIL-STD-348)
Attachment method (inner / outer)
Crimp, clamp
Coupling torque, min./max.
0.6 / 2.5 in-lbs (7 / 28 N-cm)
Coupling nut retention force
101 lbs (450N) min.
Center contact retention force
≥ 6.1 lbs (27N)
Braid/Jacket cable affixment
Hex crimp
Center conductor cable affixment
Crimp or solder
Engagement force
≤ 5 lbs (22N)
Disengagement force
≥ 1.5 lbs (7N)
Durability (matings)
500 cycles minimum
Environmental
Temperature range
-65°C to +165°C
Thermal shock
MIL-STD-202, method 102, cond. D
Moisture resistance
MIL-STD-202, method 106
Corrosion
MIL-STD-202, method 101, cond. B
Vibration
MIL-STD-202, method 204, cond. D
Mechanical shock
MIL-STD-202, method 202
Altitude
MIL-STD-202, method 105, cond. C
Material
Body and outer contacts
Brass or phosphor bronze, nickel plated
Male contact
Brass, gold plated
Female contact
Beryllium copper or phosphor bronze,
silver or gold plated
Crimp ferrule
Copper or brass, nickel plated
Other metal parts
Brass, nickel plated
Insulator
PTFE
Gasket
Silicone rubber
Military
MIL-C-39012
where applicable
Plug
Jack
Note: These characteristics are typical but may not apply to all connectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com