Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF1663 Datasheet(PDF) 11 Page - Amphenol Corporation

Part # ARF1663
Description  BNC Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

ARF1663 Datasheet(HTML) 11 Page - Amphenol Corporation

Back Button ARF1663 Datasheet HTML 7Page - Amphenol Corporation ARF1663 Datasheet HTML 8Page - Amphenol Corporation ARF1663 Datasheet HTML 9Page - Amphenol Corporation ARF1663 Datasheet HTML 10Page - Amphenol Corporation ARF1663 Datasheet HTML 11Page - Amphenol Corporation ARF1663 Datasheet HTML 12Page - Amphenol Corporation ARF1663 Datasheet HTML 13Page - Amphenol Corporation ARF1663 Datasheet HTML 14Page - Amphenol Corporation ARF1663 Datasheet HTML 15Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
115
Amphenol® RF:
800-627-7100
BNC
Straight Jack-Jack, Panel Mount
Plating
Part Number
Body
Contact
Grade
000-47000
Nickel
Gold
Industrial
Angle Jack-Plug
Plating
Part Number
Body
Contact
Grade
031-9
Nickel
Silver
Industrial
031-9-RFX
Nickel
Gold
Commercial
Straight Jack-Jack Bulkhead Adapters
Plating
Part Number
Body
Contact
Description
Grade
031-220G-RFX
Nickel
Gold
Gasket Sealed
Commercial
031-220H
Nickel
Silver
Pressurized
Industrial
031-220N
Nickel
Silver
Industrial
031-220N-RFX
Nickel
Gold
Commercial
031-3220
Silver
Silver
Pressurized
Industrial
T- Adapters
Plating
Part Number
Body
Contact
Description
Grade
000-21900
Nickel
Silver
Plug-Jack-Jack
Industrial
031-208
Nickel
Silver
Jack-Plug-Jack
Industrial
031-208-RFX
Nickel
Gold
Jack-Plug-Jack
Commercial
BNC
50Ω Reverse Polarity Connectors
Straight Cable Plugs
Plating
Termination
Part Number
Body
Contact
Body
Contact
Grade
031-5705
Nickel
Gold
Crimp
Crimp
Commercial
031-5787-T
Nickel
Gold
Crimp
Crimp
Commercial
031-6034
Nickel
Gold
Crimp
Crimp
Commercial
031-6032
Nickel
Gold
Crimp
Crimp
Commercial
031-6035
Nickel
Gold
Crimp
Crimp
Commercial
031-6036
Nickel
Gold
Crimp
Crimp
Commercial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com