Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC939LP4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC939LP4
Description  1.0 dB LSB GaAs MMIC 5-BIT DIGITAL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC939LP4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC939LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC939LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC939LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC939LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC939LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC939LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC939LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC939LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
HMC939LP4 / 939LP4E
v01.1211
1.0 dB LSB GaAs MMIC 5-BIT DIGITAL
ATTENUATOR, 0.1 - 33 GHz
Control Voltage
Bias Voltages & Currents
Absolute Maximum Ratings
State
Bias Condition
Low
0 to 0.8V @ 1 µA
High
2 to 5V @ 1 µA
Vdd
+5V @ 4.5 mA
Vss
-5V @ 5 mA
RF Input Power (0.1 to 33.0 GHz)
+25 dBm
Control Voltage (P0 to P4)
Vdd + 0.5V
Vdd
+7 Vdc
Vss
-7 Vdc
Channel Temperature
150 °C
Continuous Pdiss (T = 85 oC)
(derate 6.8 mW/oC above 85 oC)
0.451 W
Thermal Resistance
144 °C/W
Storage Temperature
-65 to + 150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Outline Drawing
notes:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE
SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED
LAnD PAttern.
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking [3]
HMC939LP4
Low Stress Injection Molded Plastic
Sn/Pb Solder
MsL1
[1]
H939
XXXX
HMC939LP4e
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MsL1
[2]
H939
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com