Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC939LP4 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC939LP4
Description  1.0 dB LSB GaAs MMIC 5-BIT DIGITAL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC939LP4 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC939LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC939LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC939LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC939LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC939LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC939LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC939LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC939LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
HMC939LP4 / 939LP4E
v01.1211
1.0 dB LSB GaAs MMIC 5-BIT DIGITAL
ATTENUATOR, 0.1 - 33 GHz
Evaluation PCB
List of Materials for Evaluation PCB 130450 [1]
Item
Description
J1, J2, J4, J5
2.9 mm PC Mount RF Connector
J3
DC Connector
C1, C2
1000 pF Capacitor, 0402 Pkg.
u1
HMC939LP4 Digital Attenuator
PCB [2]
131909 Evaluation Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
The circuit board used in the application should use
RF circuit design techniques. Signal lines should
have 50 Ohm impedance while the package ground
leads should be connected directly to the ground
plane similar to that shown. A sufficient number of
via holes should be used to connect the top and
bottom ground planes. The evaluation circuit board
shown is available from Hittite upon request.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com